Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8458G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8458G
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8458G Datasheet HTML 5Page - Infineon Technologies AG TLE8458G Datasheet HTML 6Page - Infineon Technologies AG TLE8458G Datasheet HTML 7Page - Infineon Technologies AG TLE8458G Datasheet HTML 8Page - Infineon Technologies AG TLE8458G Datasheet HTML 9Page - Infineon Technologies AG TLE8458G Datasheet HTML 10Page - Infineon Technologies AG TLE8458G Datasheet HTML 11Page - Infineon Technologies AG TLE8458G Datasheet HTML 12Page - Infineon Technologies AG TLE8458G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLE8458
Mode Control
Data Sheet
9
Rev. 1.1, 2014-04-01
5.2
Description of Mode Control
The TLE8458 has 4 major operation modes:
•
Normal Operation Mode
•
Stand-By Mode
•
Sleep Mode
•
Stop Mode
The Normal Operation mode contains 2 sub-operation modes, which differentiate by the slew rate control of the
LIN Bus signal (see Figure 3).
Sub-operation modes with different slew rates on the BUS pin:
•
Normal Slope Mode, for data transmission rates up to 20 kBaud
•
Software Flash mode, for programming of the external microcontroller
The operation mode of the TLE8458 is selected by the EN pin and the TxD pin. (see Table 5, see Figure 4).
Table 5
Operation Modes
Mode
EN
TxD
RxD
V
CC
LIN Bus
Termination
Comments
Normal Operation
Mode
HIGH
LOW
HIGH1)
1) The TxD pin acts as an input
LOW
HIGH
ON
30 k
Ω
(typical)
TxD drives the data to the bus,
RxD indicates the data on the
bus.
Stand-By Mode
LOW
LOW
HIGH2)
2) The TxD pin acts as an output and indicates the Wake-up source.The TxD input needs an external termination to indicate
a HIGH or a LOW signal. The external termination could be a pull-up resistor or an active microcontroller output.
LOW
HIGH
ON
30 k
Ω
(typical)
In Stand-By Mode the RxD and
TxD pins indicate the Wake-up
source
Sleep Mode
LOW
HIGH
Float
OFF
High
Impedance
For Sleep Mode TxD needs to
be HIGH for the time
t
mode1
Stop Mode
LOW
LOW
Float
ON
High
Impedance
For Stop Mode TxD needs to be
LOW for the time
t
mode1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com