Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS710B0 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLS710B0 Datasheet HTML 12Page - Infineon Technologies AG TLS710B0 Datasheet HTML 13Page - Infineon Technologies AG TLS710B0 Datasheet HTML 14Page - Infineon Technologies AG TLS710B0 Datasheet HTML 15Page - Infineon Technologies AG TLS710B0 Datasheet HTML 16Page - Infineon Technologies AG TLS710B0 Datasheet HTML 17Page - Infineon Technologies AG TLS710B0 Datasheet HTML 18Page - Infineon Technologies AG TLS710B0 Datasheet HTML 19Page - Infineon Technologies AG TLS710B0 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TLS710B0
Application Information
Data Sheet
16
Rev. 1.0, 2015-03-12
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in accordance
and verified in the real application that the output stability requirements are fulfilled.
6.3
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power dissipation
can be calculated:
P
D = (VI - VQ) × IQ + VI × Iq
(1)
with
•
P
D: continuous power dissipation
•
V
I : input voltage
•
V
Q: output voltage
•
I
Q: output current
•
I
q: quiescent current
The maximum acceptable thermal resistance
R
thJA can then be calculated:
R
thJA,max = ( Tj,max - Ta ) / PD
(2)
with
•
T
j,max: maximum allowed junction temperature
•
T
a: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 6.
Example
Application conditions:
V
I = 13.5 V
V
Q = 5 V
I
Q = 100 mA
T
a = 85 °C
Calculation of
R
thJA,max:
P
D = (VI – VQ) × IQ + VI × Iq
(
V
I × Iq can be neglected because of very low Iq)
= (13.5 V – 5 V) × 100 mA
= 0.85 W
R
thJA,max= (Tj,max – Ta) / PD
= (150 °C – 85 °C) / 0.85 W = 76.47 K/W
As a result, the PCB design must ensure a thermal resistance
R
thJA lower than 76.47 K/W. According to “Thermal
Resistance” on Page 6, at least 300 mm2 heatsink area is needed on the FR4 1s0p PCB, or the FR4 2s2p board
can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com