Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF002 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF002
Description  QwikRadiotm Low Power UHF Receiver Preliminary Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
QwikRadio
tm
4
July 1999
MICRF002
MICRF002
Micrel
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDDRF, VDDBB)..................................+7V
Voltage on any I/O Pin........................VSS-0.3 to VDD+0.3
Junction Temperature..............................................+150
°C
Storage Temperature Range....................-65
°C to + 150°C
Lead Temperature (soldering, 10 seconds)..............+ 260
°C
Operating Ratings
Supply Voltage (VDDRF, VDDBB)..................4.75V to 5.5V
Ambient Operating Temperature (TA)............-40
°C to +85°C
Package Thermal Resistance
θ
JA (16 Pin DIP).........90°C/W
Package Thermal Resistance
θ
JA (16 Pin SOIC)....120°C/W
This device is ESD sensitive: Meets Class 1ESD
test requirements (Human body Model, HBM), in
accordance with MIL-STD-883C, Method 3015. Do
not operate or store near strong electrostatic
fields.
Use
appropriate
ESD
precautions.
Electrical Characteristics
Unless otherwise stated, these specifications apply for Ta = -40
°C to 85°C, 4.75<VDD<5.5V. All voltages are with respect to
Ground; Positive currents flow into device pins.
CAGC = 4.7µF, CTH = .047µF, VDDRF= VDDBB = VDD.
REFOSC
frequency = 4.90MHz.
Parameter
Test Conditions
MIN
TYP
MAX
UNITS
Power Supply
Operating Current
Continuous Operation
2.4
mA
Operating Current
10:1 Duty Cycle
240
µA
Standby Current
SHUT = VDD
0.5
µA
RF/IF Section
Receiver Sensitivity
Note 1, 3
-103
dBm
IF Center Frequency
Note 4
0.86
MHz
IF 3dB Bandwidth
Note 3, 4
0.43
MHz
RF Input Range
300
440
MHz
Receive Modulation Duty-Cycle
20
80
%
Maximum Receiver Input
Rsc = 50
Ω
-20
dBm
Spurious Reverse Isolation
ANT pin, Rsc = 50
Ω Note 2
30
µVrms
AGC Attack / Decay ratio
T(Attack) / T(Decay)
0.1
AGC Leakage Current
Ta = 85
°C
±100
nA
Local Oscillator Stabilization Time
To 1% of Final Value
2.5
msec
Demod Section
CTH Source Impedance
Note 5
118k
Ω
CTH Source Impedance Variation
-15
+15
%
CTH Leakage Current
Ta = 85
°C
±100
nA
Demod Filter Bandwidth
SEL0 = SEL1 = SWEN = VDD, Note 4, 6
4160
Hz
Demod Filter Bandwidth
SEL0 = SEL1 = VDD, SWEN = VSS
Note 4, 6
8320
Hz
Digital/Control Section
REFOSC Input Impedance
200k
Ω
Input Pull up Current
SEL0, SEL1, SWEN, SHUT=VSS
8
µA
Input High Voltage
SEL0, SEL1, SWEN
0.8VDD
V
Input Low Voltage
SEL0, SEL1, SWEN
0.2VDD
V
Output Current
DO, WAKEUP pins, Push-Pull
10
µA
Output High Voltage
DO, WAKEUP pins, Iout = -1µA
0.9VDD
V
Output Low Voltage
DO. WAKEUP pins, Iout = +1µA
0.1VDD
V
Output Tr, Tf
DO, WAKEUP pins, Cload=15pF
10
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com