Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMZ2A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMZ2A
Description  POWER MANAGEMENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMZ2A Datasheet(HTML) 2 Page - Unisonic Technologies

  IMZ2A_15 Datasheet HTML 1Page - Unisonic Technologies IMZ2A_15 Datasheet HTML 2Page - Unisonic Technologies IMZ2A_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMZ2A
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R215-002,D
ABSOLUTE MAXIMUM RATINGS (T
A =25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
TR1
VCBO
60
V
TR2
-60
Collector-Emitter Voltage
TR1
VCEO
50
V
TR2
-50
Emitter-Base Voltage
TR1
VEBO
7
V
TR2
-6
Collector Current
TR1
IC
150
mA
TR2
-150
Collector Power Dissipation (Total)
SOT-26
Pc
300 (Note1)
mW
SOT-363
200
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. 200mW per element must not be exceeded.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TR1
Collector-Base Breakdown Voltage
BVCBO
IC =50µA
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = 1mA
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 50µA
7
V
Collector Cut-Off Current
ICBO
VCB=60V
0.1
µA
Emitter Cut-Off Current
IEBO
VEB=7V
0.1
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC / IB = 50mA/5mA
0.4
V
DC Current Transfer Ratio
hFE
VCE= 6V, IC = 1mA
120
560
Transition Frequency
fT
VCE=12V, IE=-2mA, f=100MHz
(Note)
180
MHz
Output Capacitance
COB
VCB= 12V, IE=0A, f=1MHz
2
3.5
pF
TR2
Collector-Base Breakdown Voltage
BVCBO
IC = -50µA
-60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -1mA
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE= -50µA
-6
V
Collector Cut-Off Current
ICBO
VCB= -60V
-0.1
µA
Emitter Cut-Off Current
IEBO
VEB= -6V
-0.1
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC / IB = -50mA/-5mA
-0.5
V
DC Current Transfer Ratio
hFE
VCE= -6V, IC = -1mA
120
560
Transition Frequency
fT
VCE=-12V, IE=2mA, f=100MHz
(Note)
140
MHz
Output Capacitance
COB
VCB= -12V,IE=0A, f=1MHz
4
5
pF
Note: Transition frequency of the device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com