Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF004 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF004
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF004 Datasheet HTML 1Page - Micrel Semiconductor MICRF004 Datasheet HTML 2Page - Micrel Semiconductor MICRF004 Datasheet HTML 3Page - Micrel Semiconductor MICRF004 Datasheet HTML 4Page - Micrel Semiconductor MICRF004 Datasheet HTML 5Page - Micrel Semiconductor MICRF004 Datasheet HTML 6Page - Micrel Semiconductor MICRF004 Datasheet HTML 7Page - Micrel Semiconductor MICRF004 Datasheet HTML 8Page - Micrel Semiconductor MICRF004 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MICRF004/RF044
Micrel
MICRF004
4
February 9, 2000
Electrical Characteristics
V
DDRF = VDDBB = VDD where +4.75V ≤ VDD ≤ 5.5V, VSS = 0V; CAGC = 4.7µF, CTH = 0.047µF; fREFOSC = 4.65MHz; TA = 25°C, bold
values indicate –40
°C ≤ T
A ≤ +85°C; current flow into device pins is positive; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OP
Operating Current
continuous operation
2.4
mA
10:1 duty cycle
240
µA
I
STBY
Standby Current
V
SHUT = VDD
0.35
µA
RF Section, IF Section
Receiver Sensitivity
Notes 4, 6
–80
dBm
f
IF
IF Center Frequency
Note 7
0.86
MHz
f
BW
IF 3dB Bandwidth
Notes 6, 7
0.43
MHz
f
ANT
RF Input Range
145
200
MHz
Z
IN(ant)
Antenna Input Impdeance
f
IN = 150MHz
422
Ω
Receive Modulation Duty-Cycle
20
80
%
Maximum Receiver Input
R
SC = 50Ω
–20
dBm
Spurious Reverse Isolation
ANT pin, R
SC = 50Ω, Note 5
30
µVrms
AGC Attack to Decay Ratio
t
ATTACK ÷ tDECAY
0.1
AGC Leakage Current
T
A = +85°C
±200
nA
Reference Oscillator
Reference Oscillator
extermal reference (250mV peak)
6
ms
Stabilization Time
ceramic resonator
5
ms
crystal
10
ms
Z
REFOSC
Reference Oscillator
290
k
Ω
Input Impedance
Reference Oscillator
Note 10
0.1
2
Vp-p
Input Sensitivity
I
REFOSC
Reference Oscillator Current
4.5
µA
Demodulator
Z
CTH
CTH Source Impedance
Note 8
124
k
Ω
∆Z
CTH
CTH Source Impedance Variation
±15
%
I
ZCTH(leak)
CTH Leakage Current
T
A = +85°C
±200
nA
Demodulator Filter Bandwidth
V
SEL0 = VSEL1 = VSWEN = VDD, Notes 7, 9
3960
Hz
Demodulator Filter Bandwidth
V
SEL0 = VSEL1 = VDD, VSWEN = VSS,
7930
Hz
Note 7, 9
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DDRF, VDDBB) .................................... +7V
Reference Oscillator Input Voltage (V
REFOSC) .......... VDDBB
Input/Output Voltage (V
I/O) ................. VSS–0.3 to VDD+0.3
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature Range (T
S) ............ –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DDRF, VDDBB) ................ +4.75V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance (
θ
JA)
16-pin DIP (
θ
JA) ................................................... 90°C/W
16-pin SOIC (
θ
JA) .............................................. 120°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com