Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPD8021 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MPD8021
Description  Semicustom High-Voltage Array Summary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MPD8021 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MPD8021 Datasheet HTML 1Page - Micrel Semiconductor MPD8021 Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1997
11-5
MPD8021
Micrel
11
Absolute Maximum Ratings
DC Input Voltage
Negative, Any Pin (V
IL), Note 1 .................. VSUB – 0.5V
DC Input Voltage
Positive ESD Pin (V
IH), Note 2 ........................ V
+ + 0.5V
Low-Voltage Supply Differential, Note 3 .................. +16.5V
DMOS Output Device Breakdown (BV
DSS), Note 4 . +110V
DMOS Drain Current
Continuous (I
D(max)), Note 5 .................................... 0.2A
Pulsed (I
D(pulse)), Note 6 .......................................... 0.5A
DMOS Gate Drive Voltage (V
GS(max)), Note 7 ............ ±20V
Standard ESD Structure Voltage (V
ESD), Note 8 .......... 2kV
Storage Temperature (T
S) ....................... –65°C to +150°C
General Note: Devices are ESD protected; however, handling precau-
tions are recommended.
Note 1:
V
SUB is the substrate bias voltage.
Note 2:
V+ is the positive ESD clamp potential, user specificed up to
+100V.
Note 3:
Maximum voltage across low-voltage analog or digital MOS.
Note 4:
DMOS source-to-body shorted to substrate at 0V.
Note 5:
V
GS = 15V.
Note 6:
5
µs pulse, 10% duty cycle.
Note 7:
Measured relative to source-to-body short.
Note 8:
Measured between any two pins.
Operating Ratings
Ambient Temperature (T
A) ....................... –55°C to +125°C
Electrical and Physical Summary
Bonding Pads .................................................................. 67
2kV ESD Pads ................................................................ 36
Die Size ............................................... 0.222 in.
× 0.182 in.
CMOS Output Buffer Tiles .............................................. 12
CMOS Analog Tiles ......................................................... 13
High-Power DMOS ................................................ 12@10
Bipolar Devices
split-collector PNP ....................................................... 14
NPN ............................................................................. 14
zener diodes ................................................................ 10
CMOS Logic Devices
NMOS ....................................................................... 354
PMOS ........................................................................ 354
Resistance
P-well ...................................................................... 1M
N+ ............................................................................ 20k
polysilicon ....................................................... up to 50k
Capacitance ................................................................ 45pF
Trimming Range ......................................................... 3 bits
MPD8021-0002 Kit Part
High-Voltage Characterization Array
High-voltage NPN transistors ............................................ 4
(includes matching pair)
High-voltage PNP transistor .............................................. 1
High-voltage P-channel FETs ........................................... 2
Analog and digital low-voltage MOSFETs ......................... 8
Expitaxial JFET ................................................................. 1
200
Ω and 10Ω high-voltage DMOS transistors................. 3
6V and 12V Zener diodes ................................................. 2
Small Schottky diode ......................................................... 1
ESD input protection structures ........................................ 2
High-value resistor (100k) ................................................. 1
Low-value resistor (7.6k) ................................................... 1
Low-value polysilicon resistor ........................................... 1
This device is suitable for curve tracer or bench-top characterization of
various device types included in the MPD8021 array. This device is a
supplement to the design information available in the Internet Design
Kit.
MPD8021-0001 Kit Part
High-Voltage PWM Controller
High-voltage push-pull output stages ................................ 6
with CMOS to high-voltage level shifters
and crossover protection logic
High-voltage charge pump for high-side drive
with integral high-side current mirror
Bandgap reference ............................................................ 1
with PTAT voltage output
(usable for thermal shutdown)
Op amp ............................................................................. 1
Comparators ..................................................................... 4
Floating logic input
Undervoltage lockout
Digital cells and miscellaneous components are not accessible from
the pins of this device.
Ordering Information
Part Number
Type
Temperature Range
Package
MIC8021-xxxx*
custom
–55
°C to +125°C
customer specified
MIC8021-0001
kit part
–55
°C to +125°C
68-pin PLCC
MIC8021-0002
kit part
–55
°C to +125°C
68-pin PLCC
* custom part number. Package markings customer specificed.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com