Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2802 Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IL2802
Description  Thermal protection and flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2802 Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

Back Button IL2802 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2802 Datasheet HTML 10Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IK2802
6
2011, February Ver. 03
Figure 2
SWITCHING CHARACTERISTICS
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Propagation
Delay
Time(
“L” to “H”)
OE-OUTn
tpLH
VDD=5.0V
VDS=1.0V
VIH=VDD
VIL=GND
Rext=1630Ohm
(
IOUTn=360mA)
VL=4.0V
RL=8.5Ohm
CL=10pF
0.3
0.5
1
us
Propagation
Delay
Time(
“L” to “H”)
OE-OUTn
tpHL
0.3
0.5
1
us
Pulse width
OE
tw(OE)
1
-
-
us
Output Rise Time of OUT (turn off)
tor
0.3
0.5
1
us
Output Rise Time of OUT (turn on)
tof
0.3
0.5
1
us
TEST CIRCUIT FOR SWITCHING CHARACTERISTICS
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com