Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4666 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4666
Description  Filterless High Efficiency Stereo 1.2W Switching
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4666 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4666 Datasheet HTML 9Page - Texas Instruments LM4666 Datasheet HTML 10Page - Texas Instruments LM4666 Datasheet HTML 11Page - Texas Instruments LM4666 Datasheet HTML 12Page - Texas Instruments LM4666 Datasheet HTML 13Page - Texas Instruments LM4666 Datasheet HTML 14Page - Texas Instruments LM4666 Datasheet HTML 15Page - Texas Instruments LM4666 Datasheet HTML 16Page - Texas Instruments LM4666 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM4666, LM4666SDBD
www.ti.com
SNAS189A – MAY 2004 – REVISED MAY 2013
REFERENCE DESIGN BOARD SCHEMATIC
Figure 28.
In addition to the minimal parts required for the application circuit, a measurement filter is provided on the
evaluation circuit board so that conventional audio measurements can be conveniently made without additional
equipment. This is a balanced input, grounded differential output low pass filter with a 3dB frequency of
approximately 35kHz and an on board termination resistor of 300
Ω (see Figure 28). Note that the capacitive load
elements are returned to ground. This is not optimal for common mode rejection purposes, but due to the
independent pulse format at each output there is a significant amount of high frequency common mode
component on the outputs. The grounded capacitive filter elements attenuate this component at the board to
reduce the high frequency CMRR requirement placed on the analysis instruments.
Even with the grounded filter the audio signal is still differential necessitating a differential input on any analysis
instrument connected to it. Most lab instruments that feature BNC connectors on their inputs are NOT differential
responding because the ring of the BNC is usually grounded.
The commonly used Audio Precision analyzer is differential but its ability to accurately reject fast pulses of 160ns
width is questionable necessitating the on board measurement filter. When the signal needs to be single-ended,
use an audio signal transformer to convert the differential output to a single ended output. Depending on the
audio transformer's characteristics, there may be some attenuation of the audio signal which needs to be taken
into account for correct measurement of performance.
Measurements made at the output of the measurement filter suffer attenuation relative to the primary, unfiltered
outputs even at audio frequencies. This is due to the resistance of the inductors interacting with the termination
resistor (300
Ω) and is typically about -0.35dB (4%). In other words, the voltage levels and corresponding power
levels indicated through the measurement filter are slightly lower than those that actually occur at the load placed
on the unfiltered outputs. This small loss in the filter for measurement gives a lower output power reading than
what is really occurring on the unfiltered outputs and its load.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4666 LM4666SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com