Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4890M/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890M/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890M/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4890M/NOPB Datasheet HTML 4Page - Texas Instruments LM4890M/NOPB Datasheet HTML 5Page - Texas Instruments LM4890M/NOPB Datasheet HTML 6Page - Texas Instruments LM4890M/NOPB Datasheet HTML 7Page - Texas Instruments LM4890M/NOPB Datasheet HTML 8Page - Texas Instruments LM4890M/NOPB Datasheet HTML 9Page - Texas Instruments LM4890M/NOPB Datasheet HTML 10Page - Texas Instruments LM4890M/NOPB Datasheet HTML 11Page - Texas Instruments LM4890M/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM4890
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
at VDD = 5V, 8Ω RL, and PWR = 250mW, AV = 2
at VDD = 3.3V, 8Ω RL, and PWR = 150mW, AV = 2
Figure 8.
Figure 9.
THD+N vs Frequency
THD+N vs Frequency
at VDD = 3V, RL = 8Ω, PWR = 250mW, AV = 2
at VDD = 2.6V, RL = 8Ω, PWR = 100mW, AV = 2
Figure 10.
Figure 11.
THD+N vs Frequency
THD+N vs Power Out
at VDD = 2.6V, RL = 4Ω, PWR = 100mW, AV = 2
at VDD = 5V, RL = 8Ω, 1kHz, AV = 2
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com