Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4890MM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890MM/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890MM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4890MM/NOPB Datasheet HTML 10Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 11Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 12Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 13Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 14Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 15Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 16Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 17Page - Texas Instruments LM4890MM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LM4890
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Power Output vs Supply Voltage
Power Output vs Temperature
Figure 44.
Figure 45.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 5V, 1kHz, 8Ω, THD ≤ 1.0%
VDD = 3.3V, 1kHz, 8Ω, THD ≤ 1.0%
Figure 46.
Figure 47.
Power Dissipation vs Output Power
Output Power
VDD = 2.6V, 1kHz
vs Load Resistance
Figure 48.
Figure 49.
14
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com