Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4990MM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4990MM/NOPB
Description  2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4990MM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4990MM/NOPB Datasheet HTML 1Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 2Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 3Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 4Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 5Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 6Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 7Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 8Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM4990
SNAS184E – DECEMBER 2002 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. VSSOP Package – Top View
Figure 2. WSON Package – Top View
See Package Number DGK
See Package Number NGZ0010B
Figure 3. Exposed-DAP MSOP-PowerPAD
Figure 4. 9-Bump DSBGA (Top View)
Package – Top View
See Package Number YZR0009
See Package Number DGQ
Package
NGZ
DGQ
DGK
YZR
Shutdown Mode
Selectable
Selectable
Low
Low
Typical Power Output at 5V, 1% THD+N
2W (RL = 4Ω)
2W (RL = 4Ω)
1.25W (RL = 8Ω)
1.25W (RL = 8Ω)
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com