Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4990MMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4990MMX/NOPB
Description  2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4990MMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4990MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM4990MMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM4990
www.ti.com
SNAS184E – DECEMBER 2002 – REVISED MAY 2013
Electrical Characteristics VDD = 2.6V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4990
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
2.0
mA
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
3.0
mA
ISD
Shutdown Current
VSD = VSD Mode
(6)
0.1
µA
VSDIH
Shutdown Voltage Input High
VSD MODE = VDD
1.0
V
VSDIL
Shutdown Voltage Input Low
VSD MODE = VDD
0.9
V
VSDIH
Shutdown Voltage Input High
VSD MODE = GND
1.2
V
VSDIL
Shutdown Voltage Input Low
VSD MODE = GND
1.0
V
VOS
Output Offset Voltage
5
50
mV (max)
ROUT
9.7
k
Ω (max)
Resistor Output to GND(7)
8.5
7.0
k
Ω (min)
Po
( 8
Ω )
THD+N = 1% (max); f = 1kHz
300
Output Power
mW
( 4
Ω )
THD+N = 1% (max); f = 1kHz
400
TWU
Wake-up time
70
ms
THD+N
Total Harmonic Distortion+Noise
Po = 0.15Wrms; f = 1kHz
0.1
%
+N
Vripple = 200mV sine p-p
51 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
dB
Input terminated with 10
Ω
51 (f = 1kHz)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional but specific performance is not ensured. Electrical Characteristics state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
(7)
RROUT is measured from the output pin to ground. This value represents the parallel combination of the 10kΩ output resistors and the
two 20k
Ω resistors.
External Components Description
See (Figure 5)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass
filter with Ci at fC= 1/(2π RiCi).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a highpass filter with
Ri at fc = 1/(2π RiCi). Refer to the section, PROPER SELECTION OF EXTERNAL COMPONENTS, for an explanation
of how to determine the value of Ci.
3.
Rf
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section for
information concerning proper placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to the section, PROPER SELECTION OF EXTERNAL
COMPONENTS, for information concerning proper placement and selection of CB.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com