Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4991MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4991MA/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4991MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4991MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM4991
www.ti.com
SNAS217A – MAY 2004 – REVISED APRIL 2013
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V and RL = 8Ω unless otherwise specified. Limits apply for TA = 25°C.
LM4991
Parameter
Test Conditions
Units
Typ(3)
Limit(4)
(Limits)
Quiescent Power Supply Current VIN = 0V, no Load
3
7
IDD
mA (max)
VIN = 0V, RL = 8Ω
4
10
ISD
Shutdown Current
VSHUTDOWN = VDD
0.1
2.0
µA (max)
VSDIH
Shutdown Voltage
1.5
V
VSDIL
1.3
V
VOS
Output Offset Voltage
5
35
mV (max)
THD = 1% (max), f = 1kHz
LM4991LD, RL = 3Ω
(5)
2.38
0.9
W (min)
LM4991LD, RL = 4Ω
(5)
2.1
LM4991, RL = 8Ω
1.3
Po
Output Power
THD+N = 10%, f = 1kHz
LM4991LD, RL = 3Ω
(5)
3
LM4991LD, RL = 4Ω
(5)
2.5
W
LM4991, RL = 8Ω
1.5
THD+N
Total Harmonic Distortion+Noise
PO = 0.5W, f = 1kHz
0.2
%
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mV sine p-p,
Input terminated with 10
Ω,
64
55
dB (min)
f = 1kHz
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics VDD= 5V state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are specified at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(5)
When driving 3
Ω or 4Ω loads from a 5V supply, the LM4991LD must be mounted to a circuit board.
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for VDD = 3V and RL = 8Ω unless otherwise specified. Limits apply for TA = 25°C.
LM4991
Parameter
Test Conditions
Units
Typ(3)
Limit(4)
(Limits)
IDD
Quiescent Power Supply
VIN = 0V, no Load
3
7
mA
Current
(max)
VIN = 0V, RL = 8Ω
4
7
ISD
Shutdown Current
VSHUTDOWN = VDD
0.1
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
1.1
V
VSDIL
Shutdown Voltage Input Low
0.9
V
VOS
Output Offset Voltage
5
35
mV
(max)
Po
Output Power
THD = 1% (max), f = 1kHz
RL = 4Ω
600
mW
RL = 8Ω
425
Total Harmonic
THD+N
PO = 0.25W, f = 1kHz
0.1
%
Distortion+Noise
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics VDD= 5V state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are specified at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com