Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48312TLE/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312TLE/NOPB
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312TLE/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48312TLE/NOPB Datasheet HTML 1Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 2Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 3Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 4Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 5Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 6Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 7Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
VDD
3
2
1
OUTA
PGND
OUTB
GAIN
A
B
C
IN+
IN-
SD
PVDD
H-BRIDGE
VDD
PVDD
IN+
IN-
SD
GND
OUTA
OUTB
+2.4V to +5.5V
CS
CS
CIN
CIN
MODULATOR
GAIN
LM48312
SNAS494D – JANUARY 2010 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
Figure 2. DSBGA Package
1.539mm x 1.565mm x 0.6mm
Top View
See Package Number YZR0009
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com