Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48312TLX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312TLX/NOPB
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312TLX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48312TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 12Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM48312TLX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM48312
www.ti.com
SNAS494D – JANUARY 2010 – REVISED MAY 2013
Table 1. Gain Setting
GAIN
GAIN SETTING
FLOAT
0dB
VDD
3dB
GND
6dB
20k
Ω to GND
9dB
20k
Ω to VDD
12dB
For proper gain selection:
1. Use 20k
Ω resistors with 10% tolerance or better for the 9dB and 12dB gain settings.
2. Short GAIN to either VDD or GND through 100Ω or less for the 3dB and 6dB gain settings.
3. FLOAT = 20M
Ω or more for the 0dB gain setting.
SHUTDOWN FUNCTION
The LM48312 features a low current shutdown mode. Set SD = GND to disable the amplifier and reduce supply
current to 0.01µA.
Switch SD between GND and VDD for minimum current consumption is shutdown. The LM48312 may be disabled
with shutdown voltages in between GND and VDD, the idle current will be greater than the typical 0.1µA value.
Increased THD+N may also be observed when a voltage of less than VDD is applied to SD.
The LM48312 shutdown input has and internal pulldown resistor. The purpose of this resistor is to eliminate any
unwanted state changes when SD is floating. To minimize shutdown current, SD should be driven to GND or left
floating. If SD is not driven to GND or floating, an increase in shutdown supply current will be noticed.
PROPER SELECTION OF EXTERNAL COMPONENTS
Audio Amplifier Power Supply Bypassing/Filtering
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitors as close to the device as possible. Typical applications employ a voltage regulator with 10µF and
0.1µF bypass capacitors that increase supply stability. These capacitors do not eliminate the need for bypassing
of the LM48312 supply pins. A 1µF capacitor is recommended.
Audio Amplifier Input Capacitor Selection
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM48312. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using Equation 1 below.
f = 1 / 2
πRINCIN
(1)
Where RIN is the value of the input resistor given in the Electrical Characteristics table.
The input capacitors can also be used to remove low frequency content from the audio signal. Small speakers
cannot reproduce, and may even be damaged by low frequencies. High pass filtering the audio signal helps
protect the speakers. When the LM48312 is using a single-ended source, power supply noise on the ground is
seen as an input signal. Setting the high-pass filter point above the power supply noise frequencies, 217Hz in a
GSM phone, for example, filters out the noise such that it is not amplified and heard on the output. Capacitors
with a tolerance of 10% or better are recommended for impedance matching and improved CMRR and PSRR.
Single-Ended Audio Amplifier Configuration
The LM48312 is compatible with single-ended sources. When configured for single-ended inputs, input
capacitors must be used to block and DC component at the input of the device. Figure 39 shows the typical
single-ended applications circuit.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com