Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49352 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 4Page - Texas Instruments LM49352 Datasheet HTML 5Page - Texas Instruments LM49352 Datasheet HTML 6Page - Texas Instruments LM49352 Datasheet HTML 7Page - Texas Instruments LM49352 Datasheet HTML 8Page - Texas Instruments LM49352 Datasheet HTML 9Page - Texas Instruments LM49352 Datasheet HTML 10Page - Texas Instruments LM49352 Datasheet HTML 11Page - Texas Instruments LM49352 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin
Pin Name
Type
Direction
Description
D6
DGND
Supply
Input
Digital ground
E1
LSGND
Supply
Input
Loudspeaker ground
E2
LS_VDD
Supply
Input
Loudspeaker amplifier and analog mixer (headphone) supply input
E3
MONO-
Analog
Input
Mono differential negative input
E4
MIC-
Analog
Input
Microphone negative input
E5
PORT1_SDI
Digital
Input
Audio Port 1 serial data input
DAC (Digital), ADC (Digital), PLL (Digital), digital mixer, DSP core, and I2C
E6
D_VDD
Supply
Input
register power supply input
F1
LS +
Analog
Output
Loudspeaker positive output
F2
LS -
Analog
Output
Loudspeaker negative output
F3
MONO+
Analog
Input
Mono differential positive input
F4
MIC +
Analog
Input
Microphone positive input
F5
PORT1_CLK
Digital
Input/Output
Audio Port 1 clock signal (can be master or slave)
F6
I/O_VDD
Supply
Input
Digital I/O (MCLK, I2S/PCM, I2C) interface power supply input
PIN TYPE DEFINITIONS
Analog Input — A pin that is used by the analog and is never driven by the device. Supplies are part of this
classification.
Analog Output — A pin that is driven by the device and should not be driven by external sources.
Analog Input/Output — A pin that is typically used for filtering a DC signal within the device. Passive
components can be connected to these pins.
Digital Input — A pin that is used by the digital but is never driven by the device.
Digital Output — A pin that is driven by the device and should not be driven by another device to avoid
contention.
Digital Input/Output — A pin that is either open drain (SDA) or a bidirectional CMOS in/out. In the latter case the
direction is selected by a control register within the LM49352.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com