Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49352RL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 12Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 13Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 14Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 15Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 16Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 17Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 18Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 19Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
FREQUENCY (Hz)
20
20k
50 100 200 500 1k 2k
5k 10k
+1
-3
-2
-1
+0
FREQUENCY (Hz)
-3
+1
-2
-1
+0
20
4 k
50
100
200
500
1k
2 k
10m
1
20m
50m 100m 200m
500m
INPUT VOLTAGE (FFS)
10
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
FREQUENCY (Hz)
20
20k
50 100 200 500 1k
2k
5k 10k
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
DAC THD+N
vs
DAC THD+N vs Frequency
Input Level
fS = 8kHz, OSR = 64
fS = 48kHz, OSR = 64
I2S Input = 500mFFS
I2S Input = 1kHz
Figure 12.
Figure 13.
Stereo Audio ADC Frequency Response
Stereo Audio ADC Frequency Response
fS = 48kHz, OSR = 64
fS = 8kHz, OSR = 128
From MIC, MIC Gain = 6dB, CIN = 1µF
From MIC, MIC Gain = 6dB, CIN = 1µF
Figure 14.
Figure 15.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com