Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMPIZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation X9241AMPIZ Datasheet HTML 10Page - Intersil Corporation X9241AMPIZ Datasheet HTML 11Page - Intersil Corporation X9241AMPIZ Datasheet HTML 12Page - Intersil Corporation X9241AMPIZ Datasheet HTML 13Page - Intersil Corporation X9241AMPIZ Datasheet HTML 14Page - Intersil Corporation X9241AMPIZ Datasheet HTML 15Page - Intersil Corporation X9241AMPIZ Datasheet HTML 16Page - Intersil Corporation X9241AMPIZ Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
FN8164.7
August 17, 2015
tSU:DAT
Data in setup time
250
ns
10
tHD:DAT
Data in hold time
0
ns
10
tAA
SCL LOW to SDA data out valid
3500
ns
11
tDH
Data out hold time
30
ns
11
tSU:STO
Stop condition setup time
4000
ns
10 and 12
tBUF
Bus free time prior to new transmission
4700
ns
10
tWR
Write cycle time (nonvolatile write operation)
10
ms
13
tSTPWV
Wiper response time from stop generation
500
µs
13
tCLWV
Wiper response from SCL LOW
1000
µs
6
AC Electrical Specifications
(Over recommended operating conditions unless otherwise stated). (Continued)
SYMBOL
PARAMETER
LIMITS
UNIT
REFERENCE
FIGURE
NUMBER(S)
MIN
(Note 11)
MAX
(Note 11)
tAA
tDH
SCL
SDA
SDAOUT (ACK)
SDAOUT
SDAOUT
FIGURE 11. OUTPUT BUS TIMING
tSU:STO
SCL
SDA
tHD:STA
tSU:STA
STOP CONDITION
START CONDITION
(DATA IN)
FIGURE 12. START STOP TIMING
SCL
SDA
WIPER
OUTPUT
CLOCK 8
SDAIN
CLOCK 9
ACK
STOP
tWR
tSTPWV
START
FIGURE 13. WRITE CYCLE AND WIPER RESPONSE TIMING
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com