Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9511 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9511
Description  Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511 Datasheet(HTML) 1 Page - Intersil Corporation

  X9511 Datasheet HTML 1Page - Intersil Corporation X9511 Datasheet HTML 2Page - Intersil Corporation X9511 Datasheet HTML 3Page - Intersil Corporation X9511 Datasheet HTML 4Page - Intersil Corporation X9511 Datasheet HTML 5Page - Intersil Corporation X9511 Datasheet HTML 6Page - Intersil Corporation X9511 Datasheet HTML 7Page - Intersil Corporation X9511 Datasheet HTML 8Page - Intersil Corporation X9511 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
X9511
Single Push Button Controlled Potentiometer (XDCP™)
Linear, 32 Taps, Push Button Controlled,
Terminal Voltage ±5V
FEATURES
• Push button controlled
• Low power CMOS
—Active current, 3mA max
—Standby current, 100µA typical
• 31 resistive elements
—Temperature compensated
—
±20% end to end resistance range
—-5V to +5V range
• 32 wiper tap points
—Wiper positioned via two push button inputs
—Slow and fast scan modes
—AUTOSTORE® option
—Manual store option
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 100 year wiper position data retention
• X9511W = 10k
Ω
• Packages
—8 Ld PDIP
—8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The Intersil X9511 is a push button controlled potenti-
ometer that is ideal for push button controlled resis-
tance trimming.
The X9511 is a resistor array composed of 31 resistive
elements. Between each element and at either end
are tap points accessible to the wiper element. The
position of the wiper element is controlled by the PU
and PD inputs. The position of the wiper can be auto-
matically stored in E2 memory and then be recalled
upon a subsequent power-on operation.
The resolution of the X9511 is equal to the maximum
resistance value divided by 31. As an example, for the
X9511W (10k
Ω) each tap point represents 323Ω.
All Intersil nonvolatile products are designed and
tested for applications requiring extended endurance
and data retention.
ORDERING INFORMATION
PART NUMBER
PART MARKING
RTOTAL
(k
Ω)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG. DWG. #
X9511WP
X9511WP
10
0 to +70
8 Ld PDIP
MDP0031
X9511WPZ (Note)
X9511WP Z
0 to +70
8 Ld PDIP*** (Pb-free) MDP0031
X9511WPI
X9511WP I
-40 to +85
8 Ld PDIP
MDP0031
X9511WPIZ (Note)
X9511WP Z I
-40 to +85
8 Ld PDIP*** (Pb-free) MDP0031
X9511WS**
X9511W
0 to +70
8 Ld SOIC
MDP0027
X9511WSZ*, **(Note)
X9511W Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9511WSI*, **
X9511W I
-40 to +85
8 Ld SOIC
MDP0027
X9511WSIZ*, ** (Note)
X9511W Z I
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
**Add "T2" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8205.3
February 2, 2007


Similar Part No. - X9511

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511 INTERSIL-X9511 Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
X9511 INTERSIL-X9511 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
Terminal Voltage -5V, 32 Taps, Log Taper
September 15, 2005
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
December 3, 2007
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com