Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL01 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL01
Description  4-INPUT OR/NOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL01 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL01 Datasheet HTML 1Page - Micrel Semiconductor SY10EL01 Datasheet HTML 2Page - Micrel Semiconductor SY10EL01 Datasheet HTML 3Page - Micrel Semiconductor SY10EL01 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10EL01
SY100EL01
Micrel
PRODUCT ORDERING CODE
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
—
14
17
11
14
17
11
14
17
11
14
17
100EL
—
14
17
11
14
17
11
14
17
13
16
20
VEE
Power Supply Voltage
V
10EL –4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL –4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
70
220
370
120
220
320
130
230
330
150
250
350
ps
tPHL
Output D
tr
Output Rise/Fall Times Q
70
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
Ordering
Package
Operating
Code
Type
Range
SY10EL01ZC
Z8-1
Commercial
SY10EL01ZCTR
Z8-1
Commercial
SY100EL01ZC
Z8-1
Commercial
SY100EL01ZCTR
Z8-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com