Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35072 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35072
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35072 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35072 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MITSUBISHI MICROCOMPUTERS
M35072-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
14
(7) Address 12616
LIN10
LIN11
LIN12
LIN13
LIN14
LIN15
LIN16
LIN17
V18SZ0
V18SZ1
VSZ2L0
VSZ2L1
VSZ2H0
VSZ2H1
TEST13
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
H: Cycle with the horizontal synchronizing pulse
It should be fixed to “0”.
Can not be used.
Character size setting in the vertical
direction for the 10th line.
Character size setting in the vertical
direction for the 11th line.
Character size setting in the vertical
direction for the 12th line.
Character size setting in the vertical
direction for the 13th line.
Character size setting in the vertical
direction for the 14th line.
Character size setting in the vertical
direction for the 15th line.
Character size setting in the vertical
direction for the 16th line.
Character size setting in the vertical
direction for the 17th line.
Character size setting in the vertical
direction for the 18th line.
(display monitor 1 to 12 line)
Character size setting in the vertical
direction (display monitor for 2 to 12
line) at “0” state in register LIN2 to
LIN17 (address 12516, 12616).
Character size setting in the vertical
direction (display monitor for 2 to 12
line) at “0” state in register LIN2 to
LIN17 (address 12516, 12616).
H: Cycle with the horizontal synchronizing pulse
V18SZ1
0
0
1
1
V18SZ0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
H: Cycle with the horizontal synchronizing pulse
VSZ2L1
0
0
1
1
VSZ2L0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ2H1
0
0
1
1
VSZ2H0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
1st line
2nd to 12th
line
LINn = “0”
LINn = “1”
Refer to VSZ1L0
and VSZ1L1
Refer to VSZ2L0
and VSZ2L1
Refer to VSZ1H0
and VSZ1H1
Refer to VSZ2H0
and VSZ2H1
The vertical dot size for line n in the character dot lines (18 vertical
lines) is set using LINn (n = 2 to 17).
Dot size can be selected between 2 types for each dot line.
For dot size, see the below registers. Line 1 and lines 2 to 12 can
be set independent of one another.
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com