Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H607 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H607
Description  REGISTERED HEX PECL-TO-TTL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H607 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H607 Datasheet HTML 1Page - Micrel Semiconductor SY10H607 Datasheet HTML 2Page - Micrel Semiconductor SY10H607 Datasheet HTML 3Page - Micrel Semiconductor SY10H607 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10H607
SY100H607
Micrel
Dn
MR
TCLK/CLK
Qn + 1
LL
Z
L
HL
Z
H
XH
X
L
TRUTH TABLE
Z = Low to High Transition.
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IEE
PECL Power Supply Current
mA
10H
70
85
70
85
70
85
100H
65
80
70
85
75
95
ICCL
TTL Supply Current
100
120
100
120
100
120
mA
ICCH
TTL Supply Current
100
120
100
120
100
120
mA
IOS
Output Short Circuit Current
–100
–225
–100
–225
–100
–225
mA
VCCT = VCCE = 5.0V
±5%
DC ELECTRICAL CHARACTERISTICS
10H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V
±5%
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
145
145
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3830
4160
3870
4190
3930
4280
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3050
3520
3050
3520
3050
3555
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3620
3730
3650
3750
3690
3810
mV
VCCT = 5.0V
NOTE:
1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
100H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V
±5%
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
145
145
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3835
4120
3835
4120
3835
4120
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3190
3525
3190
3525
3190
3525
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3620
3740
3620
3740
3620
3740
mV
VCCT = 5.0V
NOTE:
1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com