Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H641JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10H641JC
Description  SINGLE SUPPLY 1:9 PECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H641JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10H641JC Datasheet HTML 1Page - Micrel Semiconductor SY10H641JC Datasheet HTML 2Page - Micrel Semiconductor SY10H641JC Datasheet HTML 3Page - Micrel Semiconductor SY10H641JC Datasheet HTML 4Page - Micrel Semiconductor SY10H641JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ClockWorks™
SY10H641
SY100H641
Micrel
TTL SWITCHING CIRCUIT
ECL/TTL PROPAGATION DELAY — SINGLE ENDED
ECL/TTL WAVEFORMS: RISE AND FALL TIMES
Ordering
Package
Operating
Code
Type
Range
SY10H641JC
J28-1
Commercial
SY10H641JCTR
J28-1
Commercial
SY100H641JC
J28-1
Commercial
SY100H641JCTR
J28-1
Commercial
LOGIC DIAGRAM
PRODUCT ORDERING CODE
VIN
VOUT
50%
1.5V
Tpd++
Tpd– –
VOUT
Trise
Tfall
2.0V
0.8V
Pulse
Generator
In
Out
PECL
VEE
VCC & VCCO
TTL
CH A
Oscilloscope
CH B
Use 0.1
µF capacitors
for decoupling.
Device
Under
Test
50
Ω Coax
50
Ω Coax
50
Ω Coax
450
Ω
Use oscilloscope
internal 50
Ω load
for termination



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com