Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPI307R2 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # HPI307R2
Description  Plastic mold package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

HPI307R2 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  HPI307R2 Datasheet HTML 1Page - KODENSHI_AUK CORP. HPI307R2 Datasheet HTML 2Page - KODENSHI_AUK CORP. HPI307R2 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HPI307R2
Sep.2012
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命のうえ、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
would you please refer to the latest specifications.
PIN PHOTODIODES
PINフォトダイオード
0
0
25
50
(pF)
5
10
15
20
25(V)
0
75
60
45
30
15
0
0.1
0.2
0.3
0.4
0.5(V)
10 2
10 1
10 1
10 0
10 2
10 3
(μA)
10 3
10 4
(lx)
0
0
+20
+40
-20
-
40
(nA)
5
10
15
0
10 -2
10 -3
10 -1
10 0
10 1
(V)
■端子間容量/逆電圧特性 Ct/VR
■短絡電流/照度特性 ISC /EV
■分光感度特性
■暗電流/周囲温度特性 Id/Ta
■暗電流/逆電圧特性 Id/VR
■指向特性
50
100
50
100
50
(μA)
■短絡電流/順電圧特性 ISC/VF
(nA)
0
2040
6080
100
-20
10 -1
10 -2
10 0
10 1
10 2
(℃)
V R =5V
逆電圧 V R
Reverse voltage
照度 Ev
Illuminance
相対感度(%)
Relative sensitivity
角度( °)
Angle
逆電圧 V R
Reverse voltage
順電圧 V F
Forward voltage
周囲温度 Ta
Ambient temperature
Ta =25℃
Ta =25℃
Ta =25℃
f=1MHZ
Ta =25℃
100lX
Ta =25℃
400lX
1,000lX
200lX
300lX
500
400
600
0
20
40
60
80
100
(%)
700
800
900
1000
1100(nm)
波長 λ
Wavelength
Ta =25℃
500lX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com