Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C01C Datasheet(PDF) 2 Page - Microchip Technology

Part # 24C01C
Description  1K 5.0V I 2 C ??Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C Datasheet(HTML) 2 Page - Microchip Technology

  24C01C Datasheet HTML 1Page - Microchip Technology 24C01C Datasheet HTML 2Page - Microchip Technology 24C01C Datasheet HTML 3Page - Microchip Technology 24C01C Datasheet HTML 4Page - Microchip Technology 24C01C Datasheet HTML 5Page - Microchip Technology 24C01C Datasheet HTML 6Page - Microchip Technology 24C01C Datasheet HTML 7Page - Microchip Technology 24C01C Datasheet HTML 8Page - Microchip Technology 24C01C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24C01C
DS21201A-page 2
Preliminary
© 1997 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC........................................................................ 7.0V
All inputs and outputs w.r.t. VSS...... -0.6V to VCC +1.0V
Storage temperature ...........................-65˚C to +150˚C
Ambient temp. with power applied.......-65˚C to +125˚C
Soldering temperature of leads (10 seconds) ...+300˚C
ESD protection on all pins
......................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
VSS
SDA
SCL
VCC
A0, A1, A2
Test
Ground
Serial Data
Serial Clock
+4.5V to 5.5V Power Supply
Chip Selects
Test Pin: may be tied high, low or
left floating
TABLE 1-2:
DC CHARACTERISTICS
All parameters apply across the speci-
fied operating ranges unless otherwise
noted.
VCC = +4.5V to +5.5V
Commercial (C):
Tamb =
0
°C to +70°C
Industrial (I):
Tamb = -40
°C to +85°C
Automotive (E):
Tamb = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
SCL and SDA pins:
High level input voltage
VIH
0.7 VCC
V
Low level input voltage
VIL
.3 VCC
V
Hysteresis of Schmitt trigger inputs
VHYS
0.05 VCC
V
(Note)
Low level output voltage
VOL
.40
V
IOL = 3.0 mA, VCC = 4.5V
Input leakage current
ILI
-10
10
µA
VIN = 0.1V to 5.5V, WP = Vss
Output leakage current
ILO
-10
10
µA
VOUT = 0.1V to 5.5V
Pin capacitance (all inputs/outputs)
CIN, COUT
10
pF
VCC = 5.0V (Note)
Tamb = 25
°C, f = 1 MHz
Operating current
ICC Read
1
mA
VCC = 5.5V, SCL = 400 kHz
ICC Write
3
mA
VCC = 5.5V
Standby current
ICCS
50
µA
VCC = 5.5V, SDA = SCL = VCC
Note: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com