Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC41 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology 24LC41 Datasheet HTML 10Page - Microchip Technology 24LC41 Datasheet HTML 11Page - Microchip Technology 24LC41 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21140B-page 11
24LC41
8.0
PIN DESCRIPTIONS
8.1
DSDA
This pin is used to transfer addresses and data into and
out of the DDC Monitor Port, when the device is in the
bi-directional Mode. In the Transmit-Only Mode, which
only allows data to be read from the device, data is also
transferred on the DSDA pin. This pin is an open drain
terminal, therefore the DSDA bus requires a pullup
resistor to VCC (typical 10K
Ω for 100 kHz, 1KΩ for 400
kHz).
For normal data transfer in the bi-directional Mode,
DSDA is allowed to change only during DSCL or MSDA
low. Changes during DSCL high are reserved for indi-
cating the START and STOP conditions.
8.2
DSCL
This pin is the clock input for the DDC Monitor Port
while in the bi-directional Mode, and is used to synchro-
nize data transfer to and from the device. It is also used
as the signaling input to switch the device from the
Transmit-Only Mode to the bi-directional Mode. It must
remain high for the chip to continue operation in the
Transmit-Only Mode.
8.3
VCLK/DWP
This pin is the clock input for the DDC Monitor Port
while in the Transmit-Only Mode. In the Transmit-Only
Mode, each bit is clocked out on the rising edge of this
signal. In the bi-directional Mode, a high logic level is
required on this pin to enable write capability.
8.4
MSCL
This pin is the clock input for the Microcontroller Access
Port, and is used to synchronize data transfer to and
from the device.
8.5
MSDA
This pin is used to transfer addresses and data into and
out of the Microcontroller Access Port. This pin is an
open drain terminal, therefore the MSDA bus requires
a pullup resistor to VCC (typical 10K
Ω for 100 kHz, 1KΩ
for 400 kHz).
MSDA is allowed to change only during MSCL low.
Changes during MSCL high are reserved for indicating
the START and STOP conditions.
8.6
MWP
This pin is used to write protect the 4K memory array
for the Microcontroller Access Port.
This pin must be connected to either VSS or VCC.
If tied to Vss, normal memory operation is enabled
(read/write the entire memory).
If tied to VCC, WRITE operations are inhibited. The
entire memory will be write-protected. Read operations
are not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com