Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21-IP Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC21-IP
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21-IP Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC21-IP Datasheet HTML 3Page - Microchip Technology 24LC21-IP Datasheet HTML 4Page - Microchip Technology 24LC21-IP Datasheet HTML 5Page - Microchip Technology 24LC21-IP Datasheet HTML 6Page - Microchip Technology 24LC21-IP Datasheet HTML 7Page - Microchip Technology 24LC21-IP Datasheet HTML 8Page - Microchip Technology 24LC21-IP Datasheet HTML 9Page - Microchip Technology 24LC21-IP Datasheet HTML 10Page - Microchip Technology 24LC21-IP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21127B-page 7
24LCS21
3.1.6
SLAVE ADDRESS
After generating a START condition, the bus master
transmits the slave address consisting of a 7-bit device
code (1010000) for the 24LCS21.
The eighth bit of slave address determines whether the
master device wants to read or write to the 24LCS21
(Figure 3-5).
The 24LCS21 monitors the bus for its corresponding
slave
address
continuously.
It
generates
an
acknowledge bit if the slave address was true and it is
not in a programming mode.
FIGURE 3-5: CONTROL BYTE ALLOCATION
Operation
Slave Address
R/W
Read
1010000
1
Write
1010000
0
SLAVE ADDRESS
101
00
0
0
R/W
A
START
READ/WRITE
4.0
WRITE OPERATION
4.1
Byte Write
Following the start signal from the master, the slave
address (4 bits), three zero bits (000) and the R/W bit
which is a logic low are placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will follow
after it has generated an acknowledge bit during the
ninth clock cycle. Therefore, the next byte transmitted
by the master is the word address and will be written
into the address pointer of the 24LCS21. After receiving
another acknowledge signal from the 24LCS21 the
master device will transmit the data word to be written
into the addressed memory location. The 24LCS21
acknowledges again and the master generates a stop
condition. This initiates the internal write cycle, and dur-
ing this time the 24LCS21 will not generate acknowl-
edge signals (Figure 4-1).
It is required that VCLK be held at a logic high level
during command and data transfer in order to program
the device. This applies to both byte write and page
write operation. Note, however, that the VCLK is
ignored during the self-timed program operation.
Changing VCLK from high to low during the self-timed
program operation will not halt programming of the
device.
FIGURE 4-1: BYTE WRITE
FIGURE 4-2: VCLK WRITE ENABLE TIMING
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
CONTROL
BYTE
WORD
ADDRESS
DATA
S
T
O
P
S
T
A
R
T
A
C
K
S
P
A
C
K
A
C
K
VCLK
TSPVL
TSU:STO
THD:STA
TVHST
VCLK
SDA
IN
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com