Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC04 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC04
Description  4K/8K 2.5V I 2 C Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04 Datasheet(HTML) 1 Page - Microchip Technology

  24LC04 Datasheet HTML 1Page - Microchip Technology 24LC04 Datasheet HTML 2Page - Microchip Technology 24LC04 Datasheet HTML 3Page - Microchip Technology 24LC04 Datasheet HTML 4Page - Microchip Technology 24LC04 Datasheet HTML 5Page - Microchip Technology 24LC04 Datasheet HTML 6Page - Microchip Technology 24LC04 Datasheet HTML 7Page - Microchip Technology 24LC04 Datasheet HTML 8Page - Microchip Technology 24LC04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2007 Microchip Technology Inc.
DS21708G-page 1
24AA04/24LC04B
Device Selection Table
Features:
• Single supply with operation down to 1.7V for
24AA04 devices, 2.5V for 24LC04B devices
• Low-power CMOS technology:
- Read current 1 mA, typical
- Standby current 1
μA, typical
• 2-wire serial interface, I2C™ compatible
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz and 400 kHz clock compatibility
• Page write time 3 ms, typical
• Self-timed erase/write cycle
• 16-byte page write buffer
• Hardware write-protect
• ESD protection >4,000V
• More than 1 million erase/write cycles
• Data retention >200 years
• Factory programming available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, MSOP and 5-lead SOT-23
• Pb-free and RoHS compliant
• Temperature ranges:
- Industrial (I):
-40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA04/24LC04B
(24XX04*) is a 4 Kbit Electrically Erasable PROM. The
device is organized as two blocks of 256 x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.7V, with standby
and
active
currents
of
only
1
μA and 1 mA,
respectively. The 24XX04 also has a page write
capability for up to 16 bytes of data. The 24XX04 is
available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP, 2x3 DFN and MSOP packages and is
also available in the 5-lead SOT-23 package.
Package Types
Block Diagram
Part
Number
Vcc
Range
Max. Clock
Frequency
Temp.
Ranges
24AA04
1.7-5.5
400 kHz(1)
I
24LC04B
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
SOT-23-5
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note:
Pins A0, A1 and A2 are not used by the 24XX04. (No
internal connections).
8
7
6
5
1
2
3
4
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
4K I2C™ Serial EEPROM


Similar Part No. - 24LC04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC040-EP MICROCHIP-24LC040-EP Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
24LC040-ESN MICROCHIP-24LC040-ESN Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
24LC040-EST MICROCHIP-24LC040-EST Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
24LC040-IP MICROCHIP-24LC040-IP Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
24LC040-ISN MICROCHIP-24LC040-ISN Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
More results

Similar Description - 24LC04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
4K/8K 1.8V I2C Serial EEPROMs
1996
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
8K/16K 5.0V I 2 C O Serial EEPROMs
1996
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com