Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46B Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC46B
Description  1K 2.5V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46B Datasheet(HTML) 1 Page - Microchip Technology

  93LC46B Datasheet HTML 1Page - Microchip Technology 93LC46B Datasheet HTML 2Page - Microchip Technology 93LC46B Datasheet HTML 3Page - Microchip Technology 93LC46B Datasheet HTML 4Page - Microchip Technology 93LC46B Datasheet HTML 5Page - Microchip Technology 93LC46B Datasheet HTML 6Page - Microchip Technology 93LC46B Datasheet HTML 7Page - Microchip Technology 93LC46B Datasheet HTML 8Page - Microchip Technology 93LC46B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2000 Microchip Technology Inc.
DS21173E-page 1
FEATURES
• Single supply with operation down to 2.5V
• Low power CMOS technology
- 1 mA active current (typical)
- 1 µA standby current (maximum)
• 128 x 8 bit organization (93LC46A)
• 64 x 16 bit organization (93LC46B)
• Self-timed ERASE and WRITE cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial interface
• Device status signal during ERASE/WRITE
cycles
• Sequential READ function
• 1,000,000 E/W cycles guaranteed
• Data retention > 200 years
• 8-pin PDIP/SOIC and 8-pin TSSOP packages
• Available for the following temperature ranges:
BLOCK DIAGRAM
DESCRIPTION
The Microchip Technology Inc. 93LC46AX/BX are 1K-
bit, low voltage serial Electrically Erasable PROMs.
The device memory is configured as x8 (93LC46A) or
x16 bits (93LC46B). Advanced CMOS technology
makes these devices ideal for low power nonvolatile
memory applications. The 93LC46AX/BX is available
in standard 8-pin DIP, 8-pin surface mount SOIC, and
TSSOP packages. The 93LC46AX/BX are offered only
in a 150-mil SOIC package.
PACKAGE TYPE
- Commercial (C):
0°C to +70°C
- Industrial (I):
-40°C to +85°C
Vcc
Vss
DI
CS
CLK
DO
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
COUNTER
DATA
REGISTER
OUTPUT
BUFFER
MODE
DECODE
CLOCK
GENERATOR
LOGIC
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
Vcc
NC
NC
Vss
CS
CLK
DI
DO
VCC
NC
NC
Vss
NC
Vcc
CS
CLK
NC
Vss
DO
DI
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
Vcc
NC
NC
Vss
TSSOP
SOIC
SOIC
1
2
3
4
DIP
8
7
6
5
1
2
3
4
8
7
6
5
Microwire is a registered trademark of National Semiconductor Incorporated.
93LC46A/B
1K 2.5V Microwire® Serial EEPROM


Similar Part No. - 93LC46B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46B MICROCHIP-93LC46B Datasheet
420Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93LC46B MICROCHIP-93LC46B Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93LC46B MICROCHIP-93LC46B Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93LC46B MICROCHIP-93LC46B Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
93LC46B MICROCHIP-93LC46B Datasheet
915Kb / 36P
1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
More results

Similar Description - 93LC46B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93LC46 MICROCHIP-93LC46_12 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com