Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS301 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS301
Description  KEELOQ CODE HOPPING ENCODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS301 Datasheet HTML 12Page - Microchip Technology HCS301 Datasheet HTML 13Page - Microchip Technology HCS301 Datasheet HTML 14Page - Microchip Technology HCS301 Datasheet HTML 15Page - Microchip Technology HCS301 Datasheet HTML 16Page - Microchip Technology HCS301 Datasheet HTML 17Page - Microchip Technology HCS301 Datasheet HTML 18Page - Microchip Technology HCS301 Datasheet HTML 19Page - Microchip Technology HCS301 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21143A-page 17
HCS301
FIGURE 8-5:
DATA WORD FORMAT
TABLE 8-4:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
FIGURE 8-6:
HCS301 TE VS. TEMP (BY CHARACTERIZATION ONLY)
VDD = +3.5 to 13.0
Commercial (C):
Tamb = 0
°C to +70°C
Industrial
(I):
Tamb = -40
°C to +85°C
Code Words Transmitted
All
1 out of 2
1 out of 4
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Units
TE
Basic pulse element
1
280
400
620
140
200
310
70
100
155
µs
TBP
PWM bit pulse width
3
840
1200
1860
420
600
930
210
300
465
µs
TP
Preamble duration
23
6.4
9.2
14.3
3.2
4.6
7.1
1.6
2.3
3.6
ms
TH
Header duration
10
2.8
4.0
6.2
1.4
2.0
3.1
0.7
1.0
1.6
ms
THOP
Hopping code duration
96
26.9
38.4
59.5
13.4
19.2
29.8
6.7
9.6
14.9
ms
TFIX
Fixed code duration
102
28.6
40.8
63.2
14.3
20.4
31.6
7.1
10.2
15.8
ms
TG
Guard Time
39
10.9
15.6
24.2
5.5
7.8
12.1
2.7
3.9
6.0
ms
Total Transmit Time
270
75.6
108.0 167.4
37.8
54.0
83.7
18.9
27.0
41.9
ms
PWM data rate
1190
833
538
2381
1667
1075
4762
3333
2151
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
Bit 0
Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Code Word
Hopping Code Word
Guard
LSB
LSB
MSB
MSB
S3
S0
S1
S2
VLOW RPT
Time
Serial Number
Button Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65
0.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.7
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
0.6
TE Min.
TE Max.
TE Max.
TE
TEMPERATURE
VDD = 3.5V
VDD
≥ 5.0V
VDD = 5.0V
VDD
≥ 5.0V
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com