| Electronic Components Datasheet Search |
|
HCS360 Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS360 Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 24 page ![]() HCS360 © 1996 Microchip Technology Inc. Preliminary DS40152C-page 3 Any type of controller may be used as a receiver, but it is typically a microcontroller with compatible firmware that allows the receiver to operate in conjunction with a transmitter, based on the HCS360. Section 7.0 provides more detail on integrating the HCS360 into a total system. Before a transmitter can be used with a particular receiver, the transmitter must be ‘learned’ by the receiver. Upon learning a transmitter, information is stored by the receiver so that it may track the transmitter, including the serial number of the transmitter, the current synchronization value for that transmitter and the same encryption key that is used on the transmitter. If a receiver receives a message of valid format, the serial number is checked and, if it is from a learned transmitter, the message is decrypted and the decrypted synchronization counter is checked against what is stored. If the synchronization value is verified, then the button status is checked to see what operation is needed. Figure 1-3 shows the relationship between some of the values stored by the receiver and the val- ues received from the transmitter. FIGURE 1-1: CREATION AND STORAGE OF ENCRYPTION KEY DURING PRODUCTION FIGURE 1-2: BASIC OPERATION OF TRANSMITTER (ENCODER) FIGURE 1-3: BASIC OPERATION OF RECEIVER (DECODER) Transmitter Manufacturer’s Serial Number or Code Encryption Key Key Generation Algorithm Serial Number Encryption Key Sync Counter . . . HCS360 EEPROM Array Seed KEELOQ Algorithm Button Press Information Encryption EEPROM Array 32 Bits of Encrypted Data Serial Number Transmitted Information Decryption Key Sync Counter Serial Number Button Press Information EEPROM Array Decryption Key 32 Bits of Encrypted Data Serial Number Received Information Decrypted Synchronization Counter Check for Match Check for Match KEELOQ Algorithm Decryption Sync Counter Serial Number Manufacturer Code |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |