Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7233G Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7233G
Description  4 channel low-side driver with limp home
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 13Page - Infineon Technologies AG TLE7233G Datasheet HTML 14Page - Infineon Technologies AG TLE7233G Datasheet HTML 15Page - Infineon Technologies AG TLE7233G Datasheet HTML 16Page - Infineon Technologies AG TLE7233G Datasheet HTML 17Page - Infineon Technologies AG TLE7233G Datasheet HTML 18Page - Infineon Technologies AG TLE7233G Datasheet HTML 19Page - Infineon Technologies AG TLE7233G Datasheet HTML 20Page - Infineon Technologies AG TLE7233G Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Datasheet
17
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
Power Stages
6.4
Electrical Characteristics Power Stages
V
DD = 3.0 V to VDDA, VDDA = 4.5 V to 5.5 V, TJ = -40 °C to +150 °C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
typical values:
V
DD = 5.0 V, VDDA = 5.0 V, TJ = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Power Supply
6.4.1
Digital supply voltage
V
DD
3.0
–
5.5
V
–
6.4.2
Digital supply current all channels
ON
I
DD(ON)
––
100
µA
V
DD = VDDA = 5 V
V
RST = VCS = VDD
V
SCLK = 0 V
V
IN = 0 V
6.4.3
Digital supply idle current
I
DD(idle)
––
20
µA
f
SCLK = 0 Hz
V
RST = VCS = high
6.4.4
Digital supply sleep current
I
DD(sleep)
–
–
–
–
–
–
1
2
5
µA
V
RST = 0 V
T
J = 25 °C
1)
T
J = 85 °C
1)
T
J = 150 °C
6.4.5
Digital power-on reset threshold
voltage
V
DD(PO)
––
3.0
V
–
6.4.6
Analog supply voltage
V
DDA
4.5
–
5.5
V
–
6.4.7
Analog supply current all channels
ON
I
DDA(ON)
–
–3mA
–
6.4.8
Analog supply idle current
I
DDA(idle)
–
–
–
–
–
–
25
50
100
µA
V
CS = VDD
V
SI = 0 V
V
SCLK = 0 V
T
J = 25 °C
1)
T
J = 85 °C
1)
T
J = 150 °C
6.4.9
Analog supply sleep current
I
DDA(sleep)
–
–
–
–
–
–
1
3
5
µA
V
CS = VDD
V
RST = 0 V
T
J = 25 °C
1)
T
J = 85 °C
1)
T
J = 150 °C
6.4.10
Analog power-on reset threshold
voltage
V
DDA(PO)
––
4.5
V
–
Output Characteristics
6.4.11
On-State resistance per channel
R
DS(ON)
–
–
1.0
2.0
–
2.2
Ω
I
D = 250 mA
T
J = 25 °C
1)
T
J = 150 °C
6.4.12
Nominal load current
I
D(nom)
390
415
–
mA
– 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com