Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS361 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS361
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 7Page - Microchip Technology HCS361 Datasheet HTML 8Page - Microchip Technology HCS361 Datasheet HTML 9Page - Microchip Technology HCS361 Datasheet HTML 10Page - Microchip Technology HCS361 Datasheet HTML 11Page - Microchip Technology HCS361 Datasheet HTML 12Page - Microchip Technology HCS361 Datasheet HTML 13Page - Microchip Technology HCS361 Datasheet HTML 14Page - Microchip Technology HCS361 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HCS361
© 1996 Microchip Technology Inc.
Preliminary
DS40146C-page 11
FIGURE 4-2:
TRANSMISSION FORMAT—VPWM = 1
FIGURE 4-3:
CODE WORD ORGANIZATION (RIGHT-MOST BIT IS CLOCKED-OUT FIRST)
Guard
Time
SPM=1
SPM=0
Preamble
Header
Encrypted
Data
Fixed Code
Data
LOGIC "0"
TE
CODE WORD:
TOTAL TRANSMISSION:
WAKEUP (OPTION)
Preamble Sync
Encrypt
Fixed
Guard
x84
Dead Time
1 CODE WORD
Preamble Sync Encrypt
Te
LOGIC "1"
TRANSITION
Te
Code Word
LSB
MSB
Fixed Code Data
Encrypted Code Data
67 bits
of Data
Transmitted
MSB
LSB
CRC
(2 bit)
VLOW
(1 bit)
Button
Status
(4 bits)
28-bit
Serial Number
Button
Status
(4 bits)
Discrimination
bits
(12 bits)
16-bit
Synch Value
CRC
(2 bit)
VLOW
bit
+
Serial Number and
Button Status (32 bits)
+
32 bits of Encrypted Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com