Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS410 Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS410
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 17Page - Microchip Technology HCS410 Datasheet HTML 18Page - Microchip Technology HCS410 Datasheet HTML 19Page - Microchip Technology HCS410 Datasheet HTML 20Page - Microchip Technology HCS410 Datasheet HTML 21Page - Microchip Technology HCS410 Datasheet HTML 22Page - Microchip Technology HCS410 Datasheet HTML 23Page - Microchip Technology HCS410 Datasheet HTML 24Page - Microchip Technology HCS410 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
HCS410
© 1997 Microchip Technology Inc.
Preliminary
DS40158C-page 21
3.7
Configuration Data
The configuration data is used to select various
encoder options. Further explanations of each of the
bits are described in the following sections.
3.7.1
CWBE: CODE WORD BLANKING ENABLE
BSL: BAUD RATE SELECT
Selecting this option allows code blanking as shown in
Table 3-3. If this option is not selected, all code words
are transmitted.
3.7.2
IDAMP: INTELLIGENT DAMPING
If IDAMP is set to ‘1’ intelligent damping is disabled.
3.7.3
SEED, TMPSD:
SEED TRANSMISSION
3.7.4
OSC: OSCILLATOR TUNING BITS
These bits allow the onboard oscillator to be tuned to
within 10% of the nominal oscillator speed over both
temperature and voltage.
TABLE 3-1:
CONFIGURATION OPTIONS
SEED
Symbol
Description
CWBE
Code Word Blanking Enable
IDAMP
Intelligent Damping for High Q LC Tank.
SEED/
IFF2
Enable Seed Transmissions
TMPSD/
IFF2
Temporary Seed Transmissions
OSC0:3
Onboard Oscillator Tuning Bits
MTX3
Minimum 3 Code Words Transmitted
VLOW
Low Voltage Trip Point Selection
LED
Enable LED output
BSL0:1
Baudrate Select
TBSL
Transponder Baud Page
MANCH
Manchester Modulation Mode
ACOLI
Anti Collision Communication Enable
XPRF
Passive Proximity Activation
DINC
Delayed Increment Enable
XSER
Extended Serial Number
SEED
TMPSD
Description
0
0
No Seed
0
1
Seed Limited
1
0
Always Enabled
1
1
IFF2/No Seed
TABLE 3-2:
OSCILLATOR TUNING
OSC
Description
1000
Fastest
1001
1010
•
•
•
1111
Faster
0000
Nominal
0001
0010
•
•
•
0110
Slower
0111
Slowest
TABLE 3-3:
BAUD RATE SELECTION
Code Hopping Transmissions (TE)
Transponder Communication (TE)
BSL 1
BSL 0
PWM
Manchester
Codes Word
Transmitted*
TBSL
PPM
0
0
400
µs
800
µs
All
0
200
µs
0
1
200
µs
400
µs
1 of 2
—
—
1
0
100
µs
200
µs
1 of 2
—
—
1
1
100
µs
200
µs
1 of 4
1
100
µs
*If code word blanking is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com