Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500-P Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS500-P
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500-P Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS500-P Datasheet HTML 16Page - Microchip Technology HCS500-P Datasheet HTML 17Page - Microchip Technology HCS500-P Datasheet HTML 18Page - Microchip Technology HCS500-P Datasheet HTML 19Page - Microchip Technology HCS500-P Datasheet HTML 20Page - Microchip Technology HCS500-P Datasheet HTML 21Page - Microchip Technology HCS500-P Datasheet HTML 22Page - Microchip Technology HCS500-P Datasheet HTML 23Page - Microchip Technology HCS500-P Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
HCS500
© 1997 Microchip Technology Inc.
Preliminary
DS40153B-page 21
8.1.4
ACTIVATE LEARN COMMAND IN MICRO MODE
8.1.5
ACTIVATE LEARN COMMAND IN STAND-ALONE MODE
8.1.6
LEARN STATUS STRING
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70 °C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TLRN
Learn command activation time
20
1000
µs
TACK
Decoder acknowledge time
20
µs
TRESP
Microcontroller acknowledge
response time
20
1000
µs
TACK2
Decoder data line low
10
µs
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TPP1
Command request time
100
ms
TPP2
Learn command activation time
2
s
TPP3
Erase-all command activation time
6
s
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TDHI
Command request time
500
ms
TCLA
Microcontroller command
request time
0.005
500
ms
TCA
Decoder request
acknowledge time
10
µs
TCLH
Clock high hold time
1.2
ms
TCLL
Clock low hold time
0.020
1.2
ms
TCLKH
Clock high time
20
1000
µs
TCLKL
Clock low time
20
1000
µs
FCLK
Clock frequency
500
25000
Hz
TDS
Data hold time
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com