Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515 Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS515
Description  KEELOQ CODE HOPPING DECODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 11Page - Microchip Technology HCS515 Datasheet HTML 12Page - Microchip Technology HCS515 Datasheet HTML 13Page - Microchip Technology HCS515 Datasheet HTML 14Page - Microchip Technology HCS515 Datasheet HTML 15Page - Microchip Technology HCS515 Datasheet HTML 16Page - Microchip Technology HCS515 Datasheet HTML 17Page - Microchip Technology HCS515 Datasheet HTML 18Page - Microchip Technology HCS515 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2002 Microchip Technology Inc.
DS40183D-page 15
HCS515
5.0
DECODER PROGRAMMING
The memory is divided between system memory that
stores the transmitter information (read protected) and
user memory (read/write). Commands to access the
user memory are described in Sections 4.2.5 and
4.2.6.
The following information stored in system memory
needs to be programmed before the decoder can be
used:
64-bit manufacturer’s code
• Decoder configuration byte
Note 1: These memory locations are read pro-
tected and can only be written to using
the program command with the device
powered up.
2: The contents of the system memory is
encrypted by a unique 64-bit key that
is stored in the HCS515. To initialize
the system memory, the HCS515’s
program command must be used.
5.1
Configuration Byte
The decoder is configured during initialization by set-
ting the appropriate bits in the configuration byte. The
following table list the options:
5.1.1
LRN_MODE
LRN_MODE
selects between two learning modes. With
LRN_MODE = 0
, the Normal (serial number derived)
mode is selected; with LRN_MODE = 1, the Secure
(seed derived) mode is selected. See Section 6.0 for
more detail on learning modes.
5.1.2
REPEAT
The HCS515 can be configured to indicate repeated
transmissions. In a stand-alone configuration, repeated
transmissions must be disabled.
Bit
Mnemonic
Description
0
LRN_MODE
Learning mode selection
LRN_MODE = 0
– Normal
Learn
LRN_MODE = 1
– Secure
Learn
1
Not Used
Reserved
2
REPEAT
Repeat Transmission enable
0
= Disable
1
= Enabled
3
Not Used
Reserved
4
Not Used
Reserved
5
Not Used
Reserved
6
Not Used
Reserved
7
Not Used
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com