Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2150 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2150
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2150 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2150 Datasheet HTML 12Page - Microchip Technology MCP2150 Datasheet HTML 13Page - Microchip Technology MCP2150 Datasheet HTML 14Page - Microchip Technology MCP2150 Datasheet HTML 15Page - Microchip Technology MCP2150 Datasheet HTML 16Page - Microchip Technology MCP2150 Datasheet HTML 17Page - Microchip Technology MCP2150 Datasheet HTML 18Page - Microchip Technology MCP2150 Datasheet HTML 19Page - Microchip Technology MCP2150 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 12
 2001 Microchip Technology Inc.
2.3.2.
MCP2150 Developer’s Board
The MCP2150 Developer’s Board, as shown in Figure 2.7, has the following
hardware features:
1. On-board +5V regulator for direct input from 9V, 750 mA AC/DC wall
adapter or 9V battery.
2. Hooks for a +5V, 750 mA regulated DC supply.
3. DB-9 connector and associated hardware for direct connection to
MCP2150 UART (DB-9 interface requires RS-232 signal levels).
4. Ten-pin header connection to UART interface (Header requires TTL
level signals).
5. Three jumpers to select source of UART signals. Either DB-9 connector
or the eight-pin header.
6. Two jumpers to select desired baud rate.
7. Green power-on indicator LED.
8. Green LED for Carrier Detect.
9. Two IR Transceiver options (two jumpers select transceiver).
10. Jumper to disable MCP2150 device operation.
11. Hardware Baud selection.
Note: A schematic of the MCP2150 Developer’s Board is shown in
Figure A.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com