Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS124GD1 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PS124GD1
Description  Exterior light endure by phase-modulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PS124GD1 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PS124GD1 Datasheet HTML 1Page - KODENSHI_AUK CORP. PS124GD1 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特長
●
用途
複写機、プリンタ
Copier, Printer
PAPER SENSOR
短距離検出: 0.5mm~6.5mm
高速応答: 0.5ms
小型パッケージ: L30.4mm x W8mm x H9.2mm
変調方式採用で外乱光に強い
低電圧対応: 3.3V
フラットな検出面で清掃が容易
Feb.2014
PS124GD1は、発光素子にフォトIC化した変調式赤外発光ダイオードを受光素子に変調式赤外フォトICを採用し
た反射型フォトICセンサです。 (フォトICは、フォトダイオード、赤外発光ダイオード等の光素子、信号処理回路、
定電圧回路等を集積した素子の総称です。)
PS124GD1 is a reflective photo IC sensor composed of a modulated infrared emitting diode as an emitter, and a
modulated photo-IC as a detector. ("Photo IC" is used as a generic name of such elements that are accumulating optical
elements such as photodiode, infrared emitting diode, and integrated circuits such as signal processing circuit, constant
voltage circuit.)
ペーパーセンサ
FEATURES
APPLICATIONS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、
内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the
latest specifications
●
●
Short detecting distance: 0.5mm~6.5mm
High speed responsibility: 0.5ms
Small package: L30.4mm x W8mm x H9.2mm
Exterior light endure by phase-modulation
For low operating voltage: 3.3V
Flat detecting surface for easy cleaning
●
●
PS124GD1
●
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
Topr.
Tstg.
-10~+60
-20~+85
℃
℃
(Ta=25℃)
Operating temp.
Storage temp.
電源電圧
出力電圧
ローレベル出力電流
Supply voltage
Output voltage
Low level output current
IOL
VCC
VO
30
mA
V
V
出力トランジスタ許容損失
Power dissipation
PO
30
mW
-0.5~5.5
-0.5~16
動作温度
保存温度
*1*2
*1*2
*1
*2
氷結、結露の無き事
コネクタの抜き差しは常温にて行って下さい
No icebound or dew
Connect/disconnect connector under normal temperature
電気的光学的特性
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
─
(Ta=25℃)
3.05
─
─
─
ELECTRO-OPTICAL CHARACTERISTICS
─
2.8
─
─
5.25
0.4
20
40
─
0.5
─
─
─
6.5
─
5.5
─
─
─
─
V
V
V
mA
mm
mm
mm
mm
mm
─
0.5
10
─
─
─
3000
─
─
lx
ms
NPN transistor open collector output/
High level output when the sensor detects light
Mimimum detecting distance
Maximum detecting distance
Non-detecting distance
Response time
High level output voltage
Low level output voltage
Supply current
Output state
Exterior light endure
Operating supply voltage 
─
Vcc
VOL
VOH
Icc
LDS-W
LDS-B
LDL-W
LDL-B
LNS-W
TPLH/TPHL
EV
LNS-B
Vcc=3.3V, RL=1kΩ
Vcc=3.3V
RL=1kΩ
Vcc=3.3V, IOL=10mA
Vcc=5V
平滑値 Smoothed value
Vcc=3.3V, RL=1kΩ
Vcc=3.3V, RL=1kΩ
白熱灯 Incandescent light
1.5
─
─
mm
Kodak 90%
Artwork
Unimac suede
Kodak 90%
Kodak 90%
Artwork
動作電源電圧
最短検出距離
最長検出距離
ハイレベル出力電圧
ローレベル出力電圧
応 答 時 間
消 費 電 流
出 力 形 態
耐外乱光照度
非検出距離


Similar Part No. - PS124GD1

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PS124 MPSIND-PS124 Datasheet
155Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS124-100M MPSIND-PS124-100M Datasheet
155Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS124-1R0M MPSIND-PS124-1R0M Datasheet
155Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS124-1R5M MPSIND-PS124-1R5M Datasheet
155Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS124-1R8M MPSIND-PS124-1R8M Datasheet
155Kb / 1P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PS124GD1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
Exterior light endure by phase-modulation
PS122TL4-A KODENSHI-PS122TL4-A Datasheet
326Kb / 2P
exterior light endure by phase-modulation
PS122TL8-A KODENSHI-PS122TL8-A Datasheet
325Kb / 2P
exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
Exterior light endure by phase-modulation
PSR11EL6-D KODENSHI-PSR11EL6-D Datasheet
144Kb / 2P
Exterior light endure by phase-modulation
PSR11GD6-F KODENSHI-PSR11GD6-F Datasheet
158Kb / 2P
Exterior light endure by phase-modulation
PSR11T-1 KODENSHI-PSR11T-1 Datasheet
482Kb / 2P
Exterior light endure by phase-modulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com