Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3204 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3204 Datasheet HTML 1Page - Microchip Technology MCP3204 Datasheet HTML 2Page - Microchip Technology MCP3204 Datasheet HTML 3Page - Microchip Technology MCP3204 Datasheet HTML 4Page - Microchip Technology MCP3204 Datasheet HTML 5Page - Microchip Technology MCP3204 Datasheet HTML 6Page - Microchip Technology MCP3204 Datasheet HTML 7Page - Microchip Technology MCP3204 Datasheet HTML 8Page - Microchip Technology MCP3204 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS21298B-page 5
MCP3204/3208
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, V
DD = VREF = 5V, VSS = 0V, fSAMPLE = 100ksps, fCLK = 20* fSAMPLE,TA = 25°C
FIGURE 2-1:
Integral Nonlinearity (INL) vs. Sample
Rate.
FIGURE 2-2:
Integral Nonlinearity (INL) vs. V
REF
.
FIGURE 2-3:
Integral Nonlinearity (INL) vs. Code
(Representative Part).
FIGURE 2-4:
Integral Nonlinearity (INL) vs. Sample
Rate (V
DD = 2.7V).
FIGURE 2-5:
Integral Nonlinearity (INL) vs. V
REF
(V
DD = 2.7V).
FIGURE 2-6:
Integral Nonlinearity (INL) vs. Code
(Representative Part, V
DD = 2.7V).
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Sample Rate (ksps)
Positive INL
Negative INL
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
2
345
6
VREF (V)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Code
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
1020
30405060
7080
Sample Rate (ksps)
Positive INL
Negative INL
V
DD = VREF = 2.7V
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VREF (V)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Code
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com