Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6004 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6004
Description  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6004 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6004 Datasheet HTML 3Page - Microchip Technology MCP6004 Datasheet HTML 4Page - Microchip Technology MCP6004 Datasheet HTML 5Page - Microchip Technology MCP6004 Datasheet HTML 6Page - Microchip Technology MCP6004 Datasheet HTML 7Page - Microchip Technology MCP6004 Datasheet HTML 8Page - Microchip Technology MCP6004 Datasheet HTML 9Page - Microchip Technology MCP6004 Datasheet HTML 10Page - Microchip Technology MCP6004 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2003 Microchip Technology Inc.
DS21733D-page 7
MCP6001/2/4
3.0
APPLICATION INFORMATION
The MCP6001/2/4 family of op amps is manufactured
using Microchip’s state-of-the-art CMOS process and
is specifically designed for low cost, low power and
general-purpose applications. The low supply voltage,
low quiescent current and wide bandwidth makes the
MCP6001/2/4 ideal for battery-powered applications.
This device has high phase margin, which makes it
stable for larger capacitive load applications.
3.1
Rail-to-Rail Input
The MCP6001/2/4 op amp is designed to prevent
phase reversal when the input pins exceed the supply
voltages. Figure 3-1 shows the input voltage exceeding
the supply voltage without any phase reversal.
FIGURE 3-1:
The MCP6001/2/4 Shows
No Phase Reversal.
The input stage of the MCP6001/2/4 op amp uses two
differential input stages in parallel; one operates at low
common mode input voltage (VCM) and the other at
high VCM. With this topology, the device operates with
VCM up to 300 mV above VDD and 300 mV below VSS.
The
Input
Offset
Voltage
is
measured
at
VCM =VSS - 300 mV and VDD + 300 mV to ensure
proper operation.
Input voltages that exceed the input voltage range
(VSS - 0.3V to VDD + 0.3V at 25°C) can cause exces-
sive current to flow into or out of the input pins. Current
beyond ±2 mA can cause reliability problems. Applica-
tions that exceed this rating must be externally limited
with a resistor, as shown in Figure 3-2.
FIGURE 3-2:
Input Current Limiting
Resistor (RIN).
3.2
Rail-to-Rail Output
The output voltage range of the MCP6001/2/4 op amp
is VDD - 25 mV (min.) and VSS + 25 mV (max.) when
RL =10kΩ is connected to VDD/2 and VDD = 5.5V.
Refer to Figure 2-14 for more information.
3.3
Capacitive Loads
Driving large capacitive loads can cause stability prob-
lems for voltage feedback op amps. As the load capac-
itance increases, the feedback loop’s phase margin
decreases, and the closed loop bandwidth is reduced.
This produces gain peaking in the frequency response,
with overshoot and ringing in the step response. A unity
gain buffer (G = +1) is the most sensitive to capacitive
loads, but all gains show the same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 3-3) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. It does not,
however, improve the bandwidth.
FIGURE 3-3:
Output resistor, RISO
stabilizes large capacitive loads.
To select RISO, check the frequency response peaking
(or step response overshoot) on the bench (or with the
MCP6001/2/4 Spice macro model). If the response is
reasonable, you do not need RISO. Otherwise, start
RISO at 1 kΩ and modify its value until the response is
reasonable.
-1
0
1
2
3
4
5
6
0.E+00
1.E-05
2.E-05
3.E-05
4.E-05
5.E-05
6.E-05
7.E-05
8.E-05
9.E-05
1.E-04
Time (10 µs/div)
VDD = 5.0V
G = +2 V/V
VIN
VOUT
RIN
VSS
Minimum expected VIN
()
–
2 mA
----------------------------------------------------------------------------
≥
RIN
Maximum expected VIN
() VDD
–
2 mA
-------------------------------------------------------------------------------
≥
VIN
RIN
VOUT
MCP600X
–
+
VIN
RISO
VOUT
MCP600X
CL
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com