Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD9J Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD9J
Description  NPN EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD9J Datasheet(HTML) 2 Page - Unisonic Technologies

  UD9J Datasheet HTML 1Page - Unisonic Technologies UD9J Datasheet HTML 2Page - Unisonic Technologies UD9J Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UD9J
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R221-034.b
ABSOLUTE MAXIMUM RATINGS (TA=25°С, unless otherwise specified)
RATINGS
PARAMETER
SYMBOL
TR1
TR2
UNIT
Supply Voltage
VCC
50
-50
V
Input Voltage
VIN
-6 ~ +40
-40 ~ +6
V
IOUT
70
-70
mA
Output Current
IC(MAX)
100
-100
mA
Total Power Dissipation (Note 2)
PD
150
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 120mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
TR1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VI(OFF)
VCC=5V, IOUT=100μA
0.3
V
Input Voltage
VI(ON)
VOUT=0.3V, IOUT=1mA
1.4
V
Output Voltage
VO(ON)
IOUT=5mA, IIN=0.25mA
0.1
0.3
V
Input Current
IIN
VIN=5V
0.88
mA
Output Current
IO(OFF)
VCC=50V, VIN=0V
0.5
µA
DC Current Gain
hFE
VOUT=5V, IOUT=5mA
68
Input Resistance
R1
7
10
13
KΩ
Resistance Ratio
2
1
R
R
3.7
4.7
5.7
Transition Frequency
fT
VCE=10V, IE=-5mA, f=100MHz (Note)
250
MHz
TR2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VI(OFF)
VCC=-5V, IOUT=100μA
-0.3
V
Input Voltage
VI(ON)
VOUT=-0.3V, IOUT=-1mA
-1.4
V
Output Voltage
VO(ON)
IOUT=-5mA, IIN=-0.25mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-0.88 mA
Output Current
IO(OFF)
VCC=-50V, VIN=0V
-0.5
µA
DC Current Gain
hFE
VOUT=-5V, IOUT=-5mA
68
Input Resistance
R1
7
10
13
KΩ
Resistance Ratio
2
1
R
R
3.7
4.7
5.7
Transition Frequency
fT
VCE=-10V, IE=5mA, f=100MHz (Note)
250
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com