Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE1122 Datasheet(PDF) 5 Page - Microchip Technology

Part # MTE1122
Description  Energy Management Controller IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTE1122 Datasheet(HTML) 5 Page - Microchip Technology

  MTE1122 Datasheet HTML 1Page - Microchip Technology MTE1122 Datasheet HTML 2Page - Microchip Technology MTE1122 Datasheet HTML 3Page - Microchip Technology MTE1122 Datasheet HTML 4Page - Microchip Technology MTE1122 Datasheet HTML 5Page - Microchip Technology MTE1122 Datasheet HTML 6Page - Microchip Technology MTE1122 Datasheet HTML 7Page - Microchip Technology MTE1122 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1995 Microchip Technology Inc.
Preliminary
DS21112B-page 5
MTE1122
TABLE 3:
DC CHARACTERISTICS: ALL PINS EXCEPT POWER SUPPLY
TABLE 4:
AC CHARACTERISTICS
All Pins Except Power
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ + 85°C for industrial,
0°C
≤ TA ≤ +70°C for commercial
Operating voltage VDD = 4.0V to 6.0V
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Input Low Voltage:
All Input Pins (Except OSC1)
RESET OSC1
VIL
VIH
VSS
VSS
0.2 VDD
0.3 VDD
V
V
Input High Voltage:
All Input Pins (Except RESET,
OSC1)
RESET
OSC1
VIH
VIH
VIH
0.36 VDD
0.85 VDD
0.7 VDD
VDD
VDD
VDD
V
V
V
4.5V
≤ VDD ≤ 5.5V
Input Leakage Current:
(Notes 1,2)
IND, TTRIG, AC-Sense
P-Sense, Gate Input
RESET
OSC1
IIL
±1
±1
±1
±1
µA
µA
µA
µA
VSS
≤ VPIN ≤ VDD,
Pin at hi-impedance
VSS
≤ VPIN ≤ VDD,
Pin at hi-impedance
VSS
≤ VPIN ≤ VDD
VSS
≤ VPIN ≤ VDD
Output Low Voltage:
All Output Pins
VOL
0.6
VIOL = 8.5mA, VDD = 4.5V,
-40
°C to +85°C
Output High Voltage:
All Output Pins (Note 2)
VOH
0.7 VDD
VIOH 83.mA, VDD = 4.5V,
-40
°C to +85°C
Note 1: The leakage current on the RESET pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
2: Negative current is defined as current coming out of the pin.
AC Characteristics
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ + 85°C for industrial,
0°C
≤ TA ≤ +70°C for commercial
Operating voltage VDD = 4.0V to 6.0V
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Oscillator Frequency
FOSC
44
MHz
Clock in (OSC1) High or Low Time
TCKHLXT
50
ns
Note 1
Clock in (OSC1) Rise or Fall Time
TCKRFXT
25
ns
Note 1
RESET Pulse Width (low)
TMCL
200
ns
Note 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com