Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-BIP Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3208-BIP
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-BIP Datasheet(HTML) 3 Page - Microchip Technology

  MCP3208-BIP Datasheet HTML 1Page - Microchip Technology MCP3208-BIP Datasheet HTML 2Page - Microchip Technology MCP3208-BIP Datasheet HTML 3Page - Microchip Technology MCP3208-BIP Datasheet HTML 4Page - Microchip Technology MCP3208-BIP Datasheet HTML 5Page - Microchip Technology MCP3208-BIP Datasheet HTML 6Page - Microchip Technology MCP3208-BIP Datasheet HTML 7Page - Microchip Technology MCP3208-BIP Datasheet HTML 8Page - Microchip Technology MCP3208-BIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS21298B-page 3
MCP3204/3208
Analog Inputs (Continued)
Switch Resistance
1K
Ω
See Figure 4-1
Sample Capacitor
20
pF
See Figure 4-1
Digital Input/Output
Data Coding Format
Straight Binary
High Level Input Voltage
V
IH
0.7 V
DD
V
Low Level Input Voltage
V
IL
0.3 V
DD
V
High Level Output Voltage
V
OH
4.1
V
I
OH = -1mA, VDD = 4.5V
Low Level Output Voltage
V
OL
0.4
V
I
OL = 1mA, VDD = 4.5V
Input Leakage Current
I
LI
-10
10
µA
V
IN = VSS or VDD
Output Leakage Current
I
LO
-10
10
µA
V
OUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
C
IN, COUT
10
pF
V
DD = 5.0V (Note 1)
T
AMB = 25 °C, f = 1 MHz
Timing Parameters
Clock Frequency
f
CLK
2.0
1.0
MHz
MHz
V
DD = 5V (Note 3)
V
DD = 2.7V (Note 3)
Clock High Time
t
HI
250
ns
Clock Low Time
t
LO
250
ns
CS Fall To First Rising CLK
Edge
t
SUCS
100
ns
Data Input Setup Time
t
SU
50
ns
Data Input Hold Time
t
HD
50
ns
CLK Fall To Output Data Valid
t
DO
200
ns
See Test Circuits, Figure 1-2
CLK Fall To Output Enable
t
EN
200
ns
See Test Circuits, Figure 1-2
CS Rise To Output Disable
t
DIS
100
ns
See Test Circuits, Figure 1-2
CS Disable Time
t
CSH
500
ns
D
OUT Rise Time
t
R
100
ns
See Test Circuits, Figure 1-2
(Note 1)
D
OUT Fall Time
t
F
100
ns
See Test Circuits, Figure 1-2
(Note 1)
Power Requirements
Operating Voltage
V
DD
2.7
5.5
V
Operating Current
I
DD
320
225
400
µA
V
DD = VREF = 5V, DOUT unloaded
V
DD = VREF = 2.7V, DOUT unloaded
Standby Current
I
DDS
0.5
2
µA
CS = V
DD = 5.0V
Note 1: This parameter is guaranteed by characterization and not 100% tested.
Note 2: See graphs that relate linearity performance to V
REF levels.
Note 3: Because the sample cap will eventually lose charge, effective clock rates below 10kHz can affect linearity
performance, especially at elevated temperatures. See Section 6.2 for more information.
ELECTRICAL CHARACTERISTICS (CONTINUED)
All parameters apply at V
DD = 5V, VSS = 0V, VREF = 5V, TAMB = -40°C to +85 °C, fSAMPLE = 100ksps and
f
CLK = 20*fSAMPLE, unless otherwise noted.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com