Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-CIP Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3208-CIP
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-CIP Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3208-CIP Datasheet HTML 12Page - Microchip Technology MCP3208-CIP Datasheet HTML 13Page - Microchip Technology MCP3208-CIP Datasheet HTML 14Page - Microchip Technology MCP3208-CIP Datasheet HTML 15Page - Microchip Technology MCP3208-CIP Datasheet HTML 16Page - Microchip Technology MCP3208-CIP Datasheet HTML 17Page - Microchip Technology MCP3208-CIP Datasheet HTML 18Page - Microchip Technology MCP3208-CIP Datasheet HTML 19Page - Microchip Technology MCP3208-CIP Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS21298B-page 19
MCP3204/3208
MCP3204 PRODUCT IDENTIFICATION SYSTEMS
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
MCP3208 PRODUCT IDENTIFICATION SYSTEMS
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = PDIP (14 lead)
SL = SOIC (150 mil Body), 14 lead
ST = TSSOP, 14 lead (C Grade only)
Temperature
I= –40°C to +85°C
Range:
Performance
B = ±1 LSB INL (TSSOP not available in this grade)
Grade:
C = ±2 LSB INL
Device:
MCP3204
= 4-Channel 12-Bit Serial A/D Converter
MCP3204T
= 4-Channel 12-Bit Serial A/D Converter on tape and reel
(SOIC and TSSOP packages only)
MCP3204 - G
T
/P
Package:
P = PDIP (16 lead)
SL = SOIC (150 mil Body), 16 lead
Temperature
I= –40°C to +85°C
Range:
Performance
B = ±1 LSB INL (TSSOP not available in this grade)
Grade:
C = ±2 LSB INL
Device:
MCP3208
= 8-Channel 12-Bit Serial A/D Converter
MCP3208T
= 8-Channel 12-Bit Serial A/D Converter on tape and reel
(SOIC packages only)
MCP3208 - G
T
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277. After September 1, 1999, (480) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com