Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6004E Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6004E
Description  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6004E Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6004E Datasheet HTML 4Page - Microchip Technology MCP6004E Datasheet HTML 5Page - Microchip Technology MCP6004E Datasheet HTML 6Page - Microchip Technology MCP6004E Datasheet HTML 7Page - Microchip Technology MCP6004E Datasheet HTML 8Page - Microchip Technology MCP6004E Datasheet HTML 9Page - Microchip Technology MCP6004E Datasheet HTML 10Page - Microchip Technology MCP6004E Datasheet HTML 11Page - Microchip Technology MCP6004E Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MCP6001/2/4
DS21733D-page 8
 2003 Microchip Technology Inc.
3.4
Supply Bypass
With this family of operation amplifiers, the power sup-
ply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with other parts.
3.5
PCB Surface Leakage
In applications where low input bias current is critical,
PCB (printed circuit board) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA, if current-to-flow; this is greater than the
MCP6001/2/4 family’s bias current at 25°C (1 pA, typ).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 3-4.
FIGURE 3-4:
Example Guard Ring Layout
for Inverting Gain.
1.
Non-inverting Gain and Unity Gain Buffer:
a.
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the pcb
surface.
b.
Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
common mode input voltage.
2.
Inverting and Transimpedance Gain Amplifiers
(convert current to voltage, such as photo detec-
tors):
a.
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b.
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
3.6
Application Circuits
3.6.1
UNITY GAIN BUFFER
The rail-to-rail input and output capability of the
MCP6001/2/4 op amp is ideal for unity-gain buffer
applications. The low quiescent current and wide band-
width makes the device suitable for a buffer configura-
tion in an instrumentation amplifier circuit, as shown in
Figure 3-5.
FIGURE 3-5:
Instrumentation Amplifier
with Unity Gain Buffer Inputs.
3.6.2
ACTIVE LOW-PASS FILTER
The MCP6001/2/4 op amp’s low input bias current
makes it possible for the designer to use larger resis-
tors and smaller capacitors for active low-pass filter
applications. However, as the resistance increases, the
noise generated also increases. Parasitic capacitances
and the large value resistors could also modify the fre-
quency response. These trade-offs need to be
considered when selecting circuit elements.
It is possible to have a filter cutoff frequency as high as
1/10th of the op amp bandwidth (100 kHz). Figure 3-6
shows a second-order butterworth filter with 100 kHz
cutoff frequency and a gain of +1V/V.
The
component
values
were
selected
using
Microchip’s FilterLab® software.
FIGURE 3-6:
Active Second-Order Low-
Pass Filter.
Guard Ring
V
SS
VIN-VIN+
VIN1
R2
MCP6002
VIN2
R2
MCP6002
VREF
MCP6001
VOUT
R1
R1
-
+
-
+
-
+
1/2
1/2
VOUT
VIN2 VIN1
–
()
R1
R2
------
•
VREF
+
=
R1 = 20 kΩ
R2 = 10 kΩ
14.3 k
Ω
MCP6002
VOUT
53.6 k
Ω
100 pF
VIN
33 pF
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com