Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79L05ACTLX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM79L05ACTLX/NOPB
Description  Series 3-Terminal Negative Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM79L05ACTLX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM79L05ACTLX/NOPB Datasheet HTML 9Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 10Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 11Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 12Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 13Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 14Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 15Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 16Page - Texas Instruments LM79L05ACTLX/NOPB Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MECHANICAL DATA
YZR0006xxx
www.ti.com
TLA06XXX (Rev C)
0.600±0.075
D
E
NOTES:
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
4215044/A
12/12
D: Max =
E: Max =
1.845 mm, Min =
1.057 mm, Min =
1.784 mm
0.996 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com