Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C64-25I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 27C64-25I/P
Description  64K (8K x 8) CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C64-25I/P Datasheet(HTML) 1 Page - Microchip Technology

  27C64-25I/P Datasheet HTML 1Page - Microchip Technology 27C64-25I/P Datasheet HTML 2Page - Microchip Technology 27C64-25I/P Datasheet HTML 3Page - Microchip Technology 27C64-25I/P Datasheet HTML 4Page - Microchip Technology 27C64-25I/P Datasheet HTML 5Page - Microchip Technology 27C64-25I/P Datasheet HTML 6Page - Microchip Technology 27C64-25I/P Datasheet HTML 7Page - Microchip Technology 27C64-25I/P Datasheet HTML 8Page - Microchip Technology 27C64-25I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS11107M-page 1
27C64
FEATURES
• High speed performance
- 120 ns access time available
• CMOS Technology for low power consumption
- 20 mA Active current
- 100
µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “express” programming algorithm
• Organized 8K x 8: JEDEC standard pinouts
- 28-pin Dual-in-line package
- 32-pin PLCC Package
- 28-pin SOIC package
- Tape and reel
• Available for the following temperature ranges
- Commercial:
0°C to +70°C
- Industrial:
-40°C to +85°C
DESCRIPTION
The Microchip Technology Inc. 27C64 is a CMOS 64K
bit (electrically) Programmable Read Only Memory.
The device is organized as 8K words by 8 bits (8K
bytes). Accessing individual bytes from an address
transition or from power-up (chip enable pin going low)
is accomplished in less than 120 ns. CMOS design and
processing enables this part to be used in systems
where reduced power consumption and high reliability
are requirements.
A complete family of packages is offered to provide the
most flexibility in applications. For surface mount appli-
cations, PLCC or SOIC packaging is available. Tape
and reel packaging is also available for PLCC or SOIC
packages.
PACKAGE TYPES
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE
A10
CE
O7
O6
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
V
V
PGM
NC
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
PP
SS
CC
DIP/SOIC
PLCC
64K (8K x 8) CMOS EPROM
Obsolete Device


Similar Part No. - 27C64-25I/P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C64-200 STMICROELECTRONICS-27C64-200 Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
More results

Similar Description - 27C64-25I/P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
512K (64K x 8) CMOS EPROM
1996
27LV64 MICROCHIP-27LV64 Datasheet
62Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
64K (8K x 8) CMOS E2PROM
logo
Microchip Technology
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com