Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC62B Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16LC62B
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16LC62B Datasheet HTML 53Page - Microchip Technology PIC16LC62B Datasheet HTML 54Page - Microchip Technology PIC16LC62B Datasheet HTML 55Page - Microchip Technology PIC16LC62B Datasheet HTML 56Page - Microchip Technology PIC16LC62B Datasheet HTML 57Page - Microchip Technology PIC16LC62B Datasheet HTML 58Page - Microchip Technology PIC16LC62B Datasheet HTML 59Page - Microchip Technology PIC16LC62B Datasheet HTML 60Page - Microchip Technology PIC16LC62B Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
PIC16C62B/72A
© 1999 Microchip Technology Inc.
Preliminary
DS35008B-page 57
10.2.3
RC OSCILLATOR
For timing insensitive applications, the “RC” device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the resis-
tor (REXT) and capacitor (CEXT) values, and the operat-
ing temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal pro-
cess parameter variation. Furthermore, the difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
CEXT values. The user also needs to take into account
variation due to tolerance of external R and C compo-
nents used. Figure 10-4 shows how the R/C combina-
tion is connected to the PIC16CXXX.
FIGURE 10-4: RC OSCILLATOR MODE
10.3
Reset
The PIC16CXXX differentiates between various kinds
of reset:
• Power-on Reset (POR)
•MCLR reset during normal operation
•MCLR reset during SLEEP
• WDT Reset (during normal operation)
• WDT Wake-up (during SLEEP)
• Brown-out Reset (BOR)
Some registers are not affected in any reset condition;
their status is unknown on POR and unchanged by any
other reset. Most other registers are reset to a “reset
state” on Power-on Reset (POR), on the MCLR and
WDT Reset, on MCLR reset during SLEEP, and on
Brown-out Reset (BOR). They are not affected by a
WDT Wake-up from SLEEP, which is viewed as the
resumption of normal operation. The TO and PD bits
are set or cleared depending on the reset situation, as
indicated in Table 10-4. These bits are used in software
to determine the nature of the reset. See Table 10-6 for
a full description of reset states of all registers.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 10-5.
The PICmicro devices have a MCLR noise filter in the
MCLR reset path. The filter will ignore small pulses.
However, a valid MCLR pulse must meet the minimum
pulse width (TmcL, Specification #30).
No internal reset source (WDT, BOR, POR) willdrive
the MCLR pin low.
OSC2/CLKOUT
Cext
Rext
PIC16CXX
OSC1
Fosc/4
Internal
clock
VDD
VSS
Recommended values:
3 k
Ω ≤ Rext ≤ 100 kΩ
Cext > 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com