Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2984CT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2984CT/NOPB
Description  LM2984C Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2984CT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2984CT/NOPB Datasheet HTML 1Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 2Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 3Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 4Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 5Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 6Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 7Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 8Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics (Continued)
VIN e 14V Ibuf e 5 mA Cbuf e 10 mF Tj e 25 C (Note 6) unless otherwise indicated
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Vbuffer (Pin 10)
Output Voltage
5 mA s Io s 100 mA
500
485
475
Vmin
6V s VIN s 26V
515
525
Vmax
Line Regulation
9V s VIN s 16V
2
25
mVmax
7V s VIN s 26V
5
50
mVmax
Load Regulation
5 mA s Ibuf s 100 mA
15
50
mVmax
Output Impedance
50 mAdc and 10 mArms
200
mX
Quiescent Current
Ibuf e 100 mA
80
150
mAmax
Output Noise Voltage
10 Hz – 100 kHz IOUT e 100 mA
100
m
V
Long Term Stability
20
mV1000 hr
Ripple Rejection
fo e 120 Hz
70
60
dBmin
Dropout Voltage
Ibuf e 100 mA
035
050
060
Vmax
Current Limit
023
015
Amin
Maximum Operational
Continuous DC
32
26
26
Vmin
Input Voltage
Maximum Line
Vbuf s 6V Rbuf e 100X
45
35
35
Vmin
Transient
Reverse Polarity
Vbuf t b06V Rbuf e 100X
b
30
b
15
b
15
Vmin
Input Voltage DC
Reverse Polarity Input
T s 100 ms Rbuf e 100X
b
55
b
35
b
35
Vmin
Voltage Transient
Electrical Characteristics
VIN e 14V Istby e 1 mA Cstby e 10 mF Tj e 25 C (Note 6) unless otherwise indicated
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Vstandby (Pin 9)
Output Voltage
1 mA s Io s 75 mA
500
485
475
Vmin
6V s VIN s 26V
515
525
Vmax
Line Regulation
9V s VIN s 16V
2
25
mVmax
7V s VIN s 26V
5
50
mVmax
Load Regulation
05 mA s Istby s 75 mA
6
50
mVmax
Output Impedance
5 mAdc and1mArms fo e 120 Hz
09
X
Quiescent Current
Istby e 75 mA
12
20
mAmax
Istby e 2 mA
09
15
mAmax
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com