Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C641 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16C641
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16C641 Datasheet HTML 9Page - Microchip Technology PIC16C641 Datasheet HTML 10Page - Microchip Technology PIC16C641 Datasheet HTML 11Page - Microchip Technology PIC16C641 Datasheet HTML 12Page - Microchip Technology PIC16C641 Datasheet HTML 13Page - Microchip Technology PIC16C641 Datasheet HTML 14Page - Microchip Technology PIC16C641 Datasheet HTML 15Page - Microchip Technology PIC16C641 Datasheet HTML 16Page - Microchip Technology PIC16C641 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 13
PIC16C64X & PIC16C66X
TABLE 3-2:
PIC16C661/662 PINOUT DESCRIPTION
Name
DIP
Pin #
QFP
Pin #
PLCC
Pin #
I/O/P
Type
Buffer
Type
Description
OSC1/CLKIN
13
30
14
I
ST/CMOS Oscillator crystal input or external clock source
input.
OSC2/CLKOUT
14
31
15
O
—
Oscillator crystal output. Connects to crystal or reso-
nator in crystal oscillator mode. In RC mode, OSC2
pin outputs CLKOUT which has 1/4 the frequency of
OSC1, and denotes the instruction cycle rate.
MCLR/VPP
1
18
2
I/P
ST
Master clear (reset) input or programming voltage
input. This pin is an active low reset to the device.
PORTA is a bi-directional I/O port.
RA0/AN0
2
19
3
I/O
ST
Analog comparator input.
RA1/AN1
3
20
4
I/O
ST
Analog comparator input.
RA2/AN2/VREF
4
21
5
I/O
ST
Analog comparator input or VREF output.
RA3/AN3
5
22
6
I/O
ST
Analog comparator input or comparator output.
RA4/T0CKI
6
23
7
I/O
ST
Can be selected to be the clock input to the
Timer0 timer/counter or a comparator output.
Output is open drain type.
RA5
7
24
8
I/O
ST
PORTB is a bi-directional I/O port. PORTB can be
software programmed for internal weak pull-ups on
all inputs.
RB0/INT
33
8
36
I/O
TTL/ST(1)
RB0 can also be selected as an external
interrupt pin.
RB1
34
9
37
I/O
TTL
RB2
35
10
38
I/O
TTL
RB3
36
11
39
I/O
TTL
RB4
37
14
41
I/O
TTL
Interrupt on change pin.
RB5
38
15
42
I/O
TTL
Interrupt on change pin.
RB6
39
16
43
I/O
TTL/ST(2)
Interrupt on change pin. Serial programming
clock.
RB7
40
17
44
I/O
TTL/ST(2)
Interrupt on change pin. Serial programming
data.
PORTC is a bi-directional I/O port.
RC0
15
32
16
I/O
ST
RC1
16
35
18
I/O
ST
RC2
17
36
19
I/O
ST
RC3
18
37
20
I/O
ST
RC4
23
42
25
I/O
ST
RC5
24
43
26
I/O
ST
RC6
25
44
27
I/O
ST
RC7
26
1
29
I/O
ST
Legend:
O = output
I/O = input/output
P = power
I = input
— = not used
ST = Schmitt Trigger input
TTL = TTL input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
2: This buffer is a Schmitt Trigger input when used in serial programming mode.
3: This buffer is a Schmitt Trigger input when configured as a general purpose I/O and a TTL input when used
in the Parallel Slave Port Mode (for interfacing to a microprocessor port).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com